Electronic Components Datasheet Search
  English  ▼

X  

160CLA Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 160CLA
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

160CLA Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 160CLA Datasheet HTML 2Page - Vishay Siliconix 160CLA Datasheet HTML 3Page - Vishay Siliconix 160CLA Datasheet HTML 4Page - Vishay Siliconix 160CLA Datasheet HTML 5Page - Vishay Siliconix 160CLA Datasheet HTML 6Page - Vishay Siliconix 160CLA Datasheet HTML 7Page - Vishay Siliconix 160CLA Datasheet HTML 8Page - Vishay Siliconix 160CLA Datasheet HTML 9Page - Vishay Siliconix 160CLA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
160 CLA
www.vishay.com
Vishay BCcomponents
Revision: 14-Dec-16
7
Document Number: 28405
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 9 - Typical multiplier of ESR as a function of frequency
IMPEDANCE (Z)
Fig. 10 - Typical multiplier of impedance
as a function of temperature
Fig. 11 - Typical impedance as a function of frequency
Fig. 12 - Typical impedance as a function of frequency
T
amb = 20 °C
ESR
0 = Typical ESR at 20 °C, 100 Hz
0.1
10
10
4
10
3
10
2
10
5
1
10
f (Hz)
ESR/ESR
0
0.1
1
10
2
10
- 60 - 40 - 20
0
20
40
60
80
100 120 140 160
Z/Z
0
T (
°C)
Z
0 = Typical impedance Z at 20 °C, 100 kHz
0.01
0.1
1
10
10
2
10
10
2
10
3
10
4
10
5
Z (
Ω)
f (Hz)
Curve 1: 330-25-1213
Curve 2: 470-25-1213
Curve 3: 680-25-1616
Curve 4: 1000-25-1816
Curve 5. 1500-25-1621
Curve 6: 2200-25-1821
T
amb = 20 °C
1
2
3
4
5
6
0.01
0.1
1
10
10
2
10
3
10
10
2
10
3
10
4
10
5
Z (
Ω)
f (Hz)
Curve 1: 100-50-1213
Curve 2: 150-50-1213
Curve 3: 220-50-1216
Curve 4: 330-50-1616
Curve 5. 470-50-1816
Curve 6: 680-50-1621
Curve 7: 1000-50-1821
T
amb = 20 °C
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com