Electronic Components Datasheet Search
  English  ▼

X  

160RLA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 160RLA
Description  Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

160RLA Datasheet(HTML) 4 Page - Vishay Siliconix

  160RLA Datasheet HTML 1Page - Vishay Siliconix 160RLA Datasheet HTML 2Page - Vishay Siliconix 160RLA Datasheet HTML 3Page - Vishay Siliconix 160RLA Datasheet HTML 4Page - Vishay Siliconix 160RLA Datasheet HTML 5Page - Vishay Siliconix 160RLA Datasheet HTML 6Page - Vishay Siliconix 160RLA Datasheet HTML 7Page - Vishay Siliconix 160RLA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
160 RLA
www.vishay.com
Vishay BCcomponents
Revision: 02-May-2018
4
Document Number: 28420
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE (C)
Fig. 5 - Typical multiplier of capacitance at 100 Hz
as a function of temperature (C0 = C at 20 °C)
Fig. 6 - Typical multiplier of capacitance as a function
of frequency at 20 °C (C0 = C at 100 Hz)
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 7 - Typical multiplier of ESR at 100 Hz as a function
of temperature (ESR0 = ESR at 20 °C)
Fig. 8 - Typical multiplier of ESR at 20 °C as a function
of frequency (ESR0 = ESR at 100 Hz)
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us
≤ 1.15 x UR
Reverse voltage
Urev
≤ 0.5 V
Current
Leakage current
After 2 min at UR
IL2
≤ 0.01 CR x UR + 3 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 10 mm
Typ. 16 nH
Case Ø D
≥ 12.5 mm
Typ. 18 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
δmax. and CR (see Table 2)
ESR = tan
δ/2 π f CR
1.2
C
C0
0.8
1.1
1.0
0.9
-60
120
100
80
60
40
20
0
-20
-40
160
140
T (°C)
1.2
C
C0
0.0
1.0
0.8
0.6
10
1000
100
100 000
f (Hz)
0.2
0.4
10 000
100
ESR
ESR0
0.1
10
1
-60
120
100
80
60
40
20
0
-20
-40
160
140
T (°C)
5
ESR
ESR0
0
4
3
2
10
1000
100
100 000
f (Hz)
1
10 000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com