Electronic Components Datasheet Search
  English  ▼

X  

181CPL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 181CPL
Description  Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

181CPL Datasheet(HTML) 1 Page - Vishay Siliconix

  181CPL Datasheet HTML 1Page - Vishay Siliconix 181CPL Datasheet HTML 2Page - Vishay Siliconix 181CPL Datasheet HTML 3Page - Vishay Siliconix 181CPL Datasheet HTML 4Page - Vishay Siliconix 181CPL Datasheet HTML 5Page - Vishay Siliconix 181CPL Datasheet HTML 6Page - Vishay Siliconix 181CPL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
181 CPL
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
1
Document Number: 28417
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Conductive Polymer Aluminum Capacitors
SMD (Chip), Low Impedance
Fig. 1
FEATURES
• Long useful life: up to 5000 h at 105 °C
•Very low ESR and highest ripple current
• SMD-version with base plate, lead (Pb)­free
reflow solderable
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• SMD technology, for high temperature reflow soldering
• Industrial and professional applications
• Telecommunications and IT
• Portable and mobile equipment
MARKING
• Rated capacitance (in μF)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Blue mark or “-” sign indicating the cathode (the anode is
identified by bevelled edges)
• Code indicating group number (L)
PACKAGING
Supplied in blister tape on reel
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(L x W x H in mm)
6.6 x 6.6 x 5.9
to 10.4 x 10.4 x 12.6
Rated capacitance range, CR
18 μF to 820 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
4.0 V to 35 V
Category temperature range
-55 °C to +105 °C
Endurance test at 105 °C
5000 h
Useful life at 105 °C
5000 h
Shelf life at 0 V, 105 °C
1000 h
Based on sectional
specification
IEC 60384-18 / CECC 32300
Climatic category IEC 60068
55 / 105 / 56
longer
181 CPL
105 °C
lifetime
180 CPS
105 °C


Similar Part No. - 181CPL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
181CPL VISHAY-181CPL Datasheet
106Kb / 7P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
181CPL VISHAY-181CPL_15 Datasheet
94Kb / 7P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
20-May-15
More results

Similar Description - 181CPL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
180CPS VISHAY-180CPS_15 Datasheet
98Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
20-May-15
181CPL VISHAY-181CPL_15 Datasheet
94Kb / 7P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
20-May-15
MAL218097506E3 VISHAY-MAL218097506E3 Datasheet
105Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
20-May-15
MAL218197701E3 VISHAY-MAL218197701E3 Datasheet
101Kb / 7P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
20-May-15
180CPS VISHAY-180CPS Datasheet
123Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
181CPL VISHAY-181CPL Datasheet
106Kb / 7P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
185CPNZ VISHAY-185CPNZ Datasheet
106Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
04-Feb-2021
184CPNS VISHAY-184CPNS Datasheet
115Kb / 10P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
04-Feb-2021
180CPS VISHAY-180CPS_V01 Datasheet
110Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
184CPNS VISHAY-184CPNS_V01 Datasheet
115Kb / 10P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
04-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com