Electronic Components Datasheet Search
  English  ▼

X  

EM518 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # EM518
Description  GENERAL PURPOSE PLASTIC SILICON RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

EM518 Datasheet(HTML) 3 Page - Continental Device India Limited

  EM518 Datasheet HTML 1Page - Continental Device India Limited EM518 Datasheet HTML 2Page - Continental Device India Limited EM518 Datasheet HTML 3Page - Continental Device India Limited EM518 Datasheet HTML 4Page - Continental Device India Limited EM518 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EM513 - EM518
DO-41P
Axial Plastic Package
All Dimensions are in mm
Packaging Information
Package/
Packaging Type
Std. Packing
Outer Carton
Case
Type
Qty
Qty
Size L x W x
H
Gross Weight
Qty
Size L x
W x H
Gross
Weight
(cm)
(Kg)
(cm)
(Kg)
DO-41P
T&A
5,000
5K
27 x 8 x 14
1.96
45K
46 x 35 x
25
17.5
T & A: Tape and Ammo Pack
EM51_8Rev310506D
AMMO PACKING FOR DO-41P
AXIAL TAPE FOR DO-41P
Inner Carton
Continental Device India Limited
Data Sheet
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com