Electronic Components Datasheet Search
  English  ▼

X  

ZMY10 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # ZMY10
Description  SILICON PLANAR POWER ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

ZMY10 Datasheet(HTML) 2 Page - Continental Device India Limited

  ZMY10 Datasheet HTML 1Page - Continental Device India Limited ZMY10 Datasheet HTML 2Page - Continental Device India Limited ZMY10 Datasheet HTML 3Page - Continental Device India Limited ZMY10 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON PLANAR POWER ZENER DIODES
LL-41 (MELF)
GLASS PACKAGE
ELECTRICAL CHARACTERISTICS (T
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
VF <1.2V at 200mA
Dynamic
Resistance
Test
Current
Reverse
Voltage
at IZ test
at IZ test
IR = 0.5µ
µA
rzj (Ω
Ω)
(mA)
VR (V)
max
max
41.0
60
10
>29
46.0
80
10
>32
44.0
50.0
80
10
>35
48.0
54.0
100
10
>38
52.0
60.0
100
10
>42
58.0
66.0
130
10
>47
64.0
72.0
130
10
>51
70.0
79.0
160
10
>56
77.0
88.0
160
10
>61
85.0
96.0
250
5
>68
94.0
106
250
5
>75
*Valid provided that electrodes are kept at ambient temperature
**Pulse Condition : 20ms < tp <50ms
ZMY4.7_100V Rev081105E
7.5
7
11
10
9
8
17
15
14
13
at IZ test
(mA)
18
+9…..+13
+9…..+13
+8…..+13
+8…..+13
+8…..+13
+8…..+13
+8…..+13
+8…..+13
+8…..+13
+8…..+13
+8…..+12
ZMY91
ZMY100
ZMY56
ZMY82
ZMY62
ZMY68
ZMY75
ZMY47
ZMY51
ZMY39
37.0
ZMY43
40.0
Device #
**Zener Voltage
Temp. Coeff. of
Zener volt.
VZ at IZT
at IZ test
(V)
α
α V
Z 10
-4/K
min
ZMY4.7 - ZMY100
*Admissible
Zener Current
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com