Electronic Components Datasheet Search
  English  ▼

X  

ADXL330 Datasheet(PDF) 13 Page - Analog Devices

Part # ADXL330
Description  Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL330 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADXL330 Datasheet HTML 8Page - Analog Devices ADXL330 Datasheet HTML 9Page - Analog Devices ADXL330 Datasheet HTML 10Page - Analog Devices ADXL330 Datasheet HTML 11Page - Analog Devices ADXL330 Datasheet HTML 12Page - Analog Devices ADXL330 Datasheet HTML 13Page - Analog Devices ADXL330 Datasheet HTML 14Page - Analog Devices ADXL330 Datasheet HTML 15Page - Analog Devices ADXL330 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADXL330
Rev. 0 | Page 13 of 16
The ADXL330 output is ratiometric, therefore, the output
sensitivity (or scale factor) varies proportionally to the
supply voltage. At VS = 3.6 V, the output sensitivity is
typically 360 mV/g. At VS = 2 V, the output sensitivity is
typically 195 mV/g.
The zero g bias output is also ratiometric, so the zero g output is
nominally equal to VS/2 at all supply voltages.
The output noise is not ratiometric but is absolute in volts;
therefore, the noise density decreases as the supply voltage
increases. This is because the scale factor (mV/g) increases
while the noise voltage remains constant. At VS = 3.6 V, the
X- and Y-axis noise density is typically 230 μg/√Hz, while at
VS = 2 V, the X- and Y-axis noise density is typically 350 μg/√Hz.
Self-test response in g is roughly proportional to the square of
the supply voltage. However, when ratiometricity of sensitivity
is factored in with supply voltage, the self-test response in volts
is roughly proportional to the cube of the supply voltage. For
example, at VS = 3.6 V, the self-test response for the ADXL330 is
approximately −275 mV for the X-axis, +275 mV for the Y-axis,
and −100 mV for the Z-axis.
At VS = 2 V, the self-test response is approximately −60 mV for
the X-axis, +60 mV for the Y-axis, and −25 mV for the Z-axis.
The supply current decreases as the supply voltage decreases.
Typical current consumption at VS = 3.6 V is 375 μA, and
typical current consumption at VS = 2 V is 200 μA.
AXES OF ACCELERATION SENSITIVITY
AZ
AY
AX
TOP
Figure 31. Axes of Acceleration Sensitivity, Corresponding Output Voltage
Increases When Accelerated Along the Sensitive Axis
XOUT = –1g
YOUT = 0g
ZOUT = 0g
GRAVITY
XOUT = 0g
YOUT = 1g
ZOUT = 0g
XOUT = 0g
YOUT = –1g
ZOUT = 0g
XOUT = 1g
YOUT = 0g
ZOUT = 0g
XOUT = 0g
YOUT = 0g
ZOUT = 1g
XOUT = 0g
YOUT = 0g
ZOUT = –1g
TOP
TOP
TOP
TOP
TOP
Figure 32. Output Response vs. Orientation to Gravity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com