Electronic Components Datasheet Search
  English  ▼

X  

ZMY75 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # ZMY75
Description  SILICON PLANAR POWER ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

ZMY75 Datasheet(HTML) 1 Page - Continental Device India Limited

  ZMY75 Datasheet HTML 1Page - Continental Device India Limited ZMY75 Datasheet HTML 2Page - Continental Device India Limited ZMY75 Datasheet HTML 3Page - Continental Device India Limited ZMY75 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR POWER ZENER DIODES
LL-41 (MELF)
GLASS PACKAGE
For use in Stabilizing and Clipping Circuits with High Power Rating
Hermetically Sealed, Glass Silicon Diodes
Marking:
With Cathode Band
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
THERMAL CHARACTERISTICS
Junction to Ambient in free air
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
VF <1.2V at 200mA
Dynamic
Resistance
Test
Current
Reverse
Voltage
at IZ test
f=1kHz
at IZ test
IR = 0.5µ
µA
rzj (Ω
Ω)
(mA)
VR (V)
max
max
5.0
7
100
>0.5
5.4
5
100
>0.7
6.0
2
100
>1.5
6.6
2
100
>2.0
7.2
2
100
>3.0
7.9
2
100
>5.0
8.7
2
100
>6.0
9.6
4
50
>7.0
10.6
4
50
>7.5
11.6
7
50
>8.5
12.7
7
50
>9.0
14.1
9
50
>10
15.8
9
50
>11
17.1
10
25
>12
19.1
11
25
>14
21.2
12
25
>15
23.3
13
25
>17
25.6
14
25
>18
28.9
15
25
>20
32.0
20
25
>22.5
35.0
20
25
>25
38.0
60
10
>27
*Valid provided that electrodes are kept at ambient temperature
**Pulse Condition : 20ms < tp <50ms
ZMY4.7_100V Rev081105E
K/W
*Admissible
Zener Current
at IZ test
(mA)
VALUE
1.3
175
- 55 to +175
115.3
UNIT
W
°C
165
150
135
+7…..+12
+7…..+12
+7…..+12
+5…..+9
+5…..+10
+5…..+10
+5…..+10
128
110
100
89
82
74
66
60
55
49
29
27
+7…..+11
+7…..+11
+7…..+12
+7…..+12
ZMY4.7 - ZMY100
25
22
20
44
40
°C
31.0
34.0
+5…..+10
+7…..+11
+7…..+11
18.8
22.8
25.1
28.0
10.4
11.4
12.4
20.8
13.8
16.8
15.3
ZMY27
0…..7
0…..7
+3…..+8
ZMY15
6.4
7.0
7.7
8.5
9.4
ZMY16
ZMY20
ZMY24
ZMY22
Device #
ZMY4.7
ZMY6.8
ZMY7.5
**Zener Voltage
4.4
ZMY30
ZMY33
ZMY36
SYMBOL
*PD
Power Dissipation
VZ at IZT
*Rth (j-a)
Tj
Temp. Coeff. of
Zener volt.
Junction Temperature
Tstg
Storage Temperature Range
ZMY5.1
ZMY5.6
ZMY6.2
-7…..+4
-6…..+5
-3…..+5
-1…..+6
min
4.8
at IZ test
α
α V
Z 10
-4/K
5.2
5.8
(V)
36
34
ZMY8.2
ZMY9.1
+3…..+8
ZMY10
ZMY11
ZMY12
ZMY13
ZMY18
Non Repetitive Peak Power Disspation,
t <10ms
Pzsm
5.0
W
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - ZMY75

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY75 SEMTECH-ZMY75 Datasheet
373Kb / 5P
SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMY75 GE-ZMY75 Datasheet
205Kb / 5P
ZENER DIODES
logo
GOOD-ARK Electronics
ZMY75 GOOD-ARK-ZMY75 Datasheet
346Kb / 5P
SILICON PLANAR POWER ZENER DIODES
logo
Diotec Semiconductor
ZMY75 DIOTEC-ZMY75 Datasheet
57Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
logo
Vishay Siliconix
ZMY75 VISHAY-ZMY75 Datasheet
157Kb / 6P
Zener Diodes
12-Jan-05
More results

Similar Description - ZMY75

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4729 SURGE-1N4729 Datasheet
84Kb / 2P
SILICON PLANAR POWER ZENER DIODES
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
Silicon Planar Power Zener Diodes
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
Silicon Planar Power Zener Diodes
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com