Electronic Components Datasheet Search
  English  ▼

X  

GC500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GC500
Description  STEP RECOVERY DIODE COMB (HARMONIC) GENERATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GC500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GC500 Datasheet HTML 1Page - List of Unclassifed Manufacturers GC500 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STEP RECOVERY DIODE COMB (HARMONIC)
GENERATORS
0.1 – 26 GHz
FEATURES
• Broadband Output Frequency Spectrum (from
second harmonic to 26 GHz)
• No Bias Required
• Input Matched to 50 Ohms
• Hermetically Sealed Module
• Available in Drop-In Type Package
APPLICATIONS
• Impulse Generator
• Frequency Multipliers
• Frequency Synthesizers
• Built-In-Self-Test Sources
ENVIRONMENTAL RATINGS
Max Input Power……...................................…. 1 Watt
Operating Temperature……….……… -55ºC to +95ºC
Storage Temperature……………..… -65ºC to +150ºC
Temperature Cycling…………...…… -65ºC to +150ºC
Shock………………1500 G, 0.5 msec; 50 G, 11 msec
Vibration..………...….......……. 20 G, 100 to 2,000 Hz
Acceleration………....................….......……. 10,000 G
Specifications: (@ +25
°C, 0.5 Watt Input)
MINIMUM OUTPUT POWER PER PICKET (dBm)
MODEL
1
INPUT
2
FREQ.
(MHz)
MAX
INPUT
VSWR
UP to 4 GHz
3
4-8 GHz
8-12.4 GHz
12.4-18 GHz
18-26 GHz
OUTLINE
GC100**
100
2:1
-10
-20
-30
-40
----
C,L,Y
GC200**
200
2:1
-5
-15
-25
-35
----
C,L,Y
GC250**
250
2:1
0
-10
-20
-30
----
C,L,Y
GC500**
500
2:1
+5
-5
-15
-20
----
C,L,Y
GC1000**
1000
2:1
+5
0
-10
-15
----
C,L,Y
GC0526**
500
2:1
+5
-5
-15
-20
-40
C,L,Y
GC1026**
1000
2:1
+5
0
-10
-15
-35
C,L,Y
GC1526**
1500
2:1
+5
0
-5
-10
-25
C,L,Y
GC2026**
2000
2:1
+5
+5
0
-10
-20
C,L,Y
Note 1: Suffix (**) specify options for internal DC return and packaged style. First Position: N indicates no DC and R indicates internal DC return included. Second Position: C, L, or Y indicates
Package style (see outline drawings page)
Note 2: Other input frequencies from 30 MHz to 2 GHz are available. Contact factory for information.
Note 3: For second harmonics up to 4 GHz the fundamental feedthrough is typically +15dBm.
Note 4: All units can respond to a 3% bandwidth of input frequency without significant degradation.
Note 5: All models can be modified for use as an impulse generator. Consult factory for information on output amplitude, polarity, and pulse width.
Note 6: Add “X” to final suffix for an enhanced assembly version for more severe vibration environment.
HEROTEK, INC. 155 Baytech Drive, San Jose, California 95134
Phone: (408) 941-8399 Fax: (408) 941-8388 Email:info@herotek.com www.herotek.com
Page 1
0603-1-2C


Similar Part No. - GC500

ManufacturerPart #DatasheetDescription
logo
Whirlpool.
GC5000XE WHIRLPOOL-GC5000XE Datasheet
33Kb / 1P
Food-Waste Disposer
01-08-04
logo
Jewel Hill Electronic
GC5007 JHE-GC5007 Datasheet
370Kb / 21P
SPECIFICATIONS FOR LCD MODULE
GC5007HWDMNRNP-V00CWNX JHE-GC5007HWDMNRNP-V00CWNX Datasheet
370Kb / 21P
SPECIFICATIONS FOR LCD MODULE
GC5007HWDMPRNP-V00CWNX JHE-GC5007HWDMPRNP-V00CWNX Datasheet
370Kb / 21P
SPECIFICATIONS FOR LCD MODULE
GC5007HWDNNRNP-V00CWNX JHE-GC5007HWDNNRNP-V00CWNX Datasheet
370Kb / 21P
SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - GC500

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-0800 ASI-5082-0800 Datasheet
13Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0008 ASI-5082-0008 Datasheet
16Kb / 1P
STEP RECOVERY DIODE CHIP
5082-0310 ASI-5082-0310 Datasheet
17Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0335 ASI-5082-0335 Datasheet
19Kb / 1P
SILICON STEP RECOVERY DIODE
logo
Spectrum Microwave, Inc...
95100 SPECTRUM-95100 Datasheet
148Kb / 2P
Comb Generators
logo
Microsemi Corporation
GG70140-01 MICROSEMI-GG70140-01 Datasheet
59Kb / 1P
Control Components Comb Generators
logo
Advanced Semiconductor
MA43000 ASI-MA43000 Datasheet
15Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0008 ASI-5082-0008_04 Datasheet
32Kb / 1P
STEP RECOVERY DIODE CHIP
logo
M/A-COM Technology Solu...
MSD7XX MA-COM-MSD7XX Datasheet
526Kb / 4P
Step Recovery Diode
MSD700 MA-COM-MSD700 Datasheet
502Kb / 4P
Step Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com