Electronic Components Datasheet Search
  English  ▼

X  

MAX3940 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3940
Description  10Gbps EAM Driver with Integrated Bias Network
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3940 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3940 Datasheet HTML 5Page - Maxim Integrated Products MAX3940 Datasheet HTML 6Page - Maxim Integrated Products MAX3940 Datasheet HTML 7Page - Maxim Integrated Products MAX3940 Datasheet HTML 8Page - Maxim Integrated Products MAX3940 Datasheet HTML 9Page - Maxim Integrated Products MAX3940 Datasheet HTML 10Page - Maxim Integrated Products MAX3940 Datasheet HTML 11Page - Maxim Integrated Products MAX3940 Datasheet HTML 12Page - Maxim Integrated Products MAX3940 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
10Gbps EAM Driver with Integrated
Bias Network
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 13
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Table 2. Bondpad Locations
COORDINATES (µm)
PAD
NUMBER
PAD NAME
XY
BP1
GND
51.2
933.2
BP2
GND
51.2
807.2
BP3
DATA+
51.2
681.2
BP4
GND
51.2
555.2
BP5
GND
51.2
429.2
BP6
DATA-
51.2
303.2
BP7
GND
51.2
177.2
BP8
GND
51.2
51.2
BP9
GND
231.8
-63.6
BP10
GND
357.8
-63.6
BP11
GND
483.8
-63.6
BP12
GND
609.8
-63.6
BP13
CLK+
769.4
-63.6
BP14
GND
895.4
-63.6
BP15
GND
1021.4
-63.6
BP16
CLK-
1147.4
-63.6
BP17
GND
1305.2
-63.6
BP18
GND
1431.2
-63.6
BP19
GND
1606.2
-63.6
BP20
GND
1732.2
-63.6
BP21
GND
1874
-63.2
BP22
GND
2028
-43.8
COORDINATES (µm)
PAD
NUMBER
PAD NAME
XY
BP23
GND
2028
108.6
BP24
GND
2028
234.6
BP25
OUT
2028
574.8
BP26
GND
2028
700.8
BP27
GND
2028
856.2
BP28
GND
2028
982.2
BP29
MODEN
1953.8
1140.4
BP30
RTEN
1827.8
1140.4
BP31
BIASSET
1701.8
1140.4
BP32
MODSET
1575.8
1140.4
BP33
VEE
1449.8
1140.4
BP34
VEE
1323.8
1140.4
BP35
VEE
1197.8
1140.4
BP36
VEE
1071.8
1140.4
BP37
VEE
945.8
1140.4
BP38
VEE
819.8
1140.4
BP39
VEE
693.8
1140.4
BP40
VEE
567.8
1140.4
BP41
VEE
441.8
1140.4
BP42
PWC+
315.8
1140.4
BP43
PWC-
189.8
1140.4
BP44
PLRT
63.8
1140.4
Package Information
For the latest package outline information, go to
www.maxim-ic.com/packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com