Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2N7002
Description  N-channel vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N7002 Datasheet(HTML) 3 Page - NXP Semiconductors

  2N7002 Datasheet HTML 1Page - NXP Semiconductors 2N7002 Datasheet HTML 2Page - NXP Semiconductors 2N7002 Datasheet HTML 3Page - NXP Semiconductors 2N7002 Datasheet HTML 4Page - NXP Semiconductors 2N7002 Datasheet HTML 5Page - NXP Semiconductors 2N7002 Datasheet HTML 6Page - NXP Semiconductors 2N7002 Datasheet HTML 7Page - NXP Semiconductors 2N7002 Datasheet HTML 8Page - NXP Semiconductors 2N7002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
April 1995
3
Philips Semiconductors
Product specification
N-channel vertical D-MOS transistor
2N7002
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Notes
1. Mounted on a ceramic substrate measuring 10
× 8 × 0.7 mm.
2. Mounted on a printed circuit board.
THERMAL RESISTANCE
Notes
1. Mounted on a ceramic substrate measuring 10
× 8 × 0.7 mm.
2. Mounted on a printed circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
60
V
±VGSO
gate-source voltage
open drain
−
40
V
ID
drain current
DC value
−
180
mA
IDM
drain current
peak value
−
800
mA
Ptot
total power dissipation
Tamb = 25 °C
(note 1)
(note 2)
−
−
300
250
mW
mW
Tstg
storage temperature range
−65
150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
from junction to ambient
note 1
note 2
430
500
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com