Electronic Components Datasheet Search
  English  ▼

X  

2PA1774 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PA1774
Description  PNP general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PA1774 Datasheet(HTML) 2 Page - NXP Semiconductors

  2PA1774 Datasheet HTML 1Page - NXP Semiconductors 2PA1774 Datasheet HTML 2Page - NXP Semiconductors 2PA1774 Datasheet HTML 3Page - NXP Semiconductors 2PA1774 Datasheet HTML 4Page - NXP Semiconductors 2PA1774 Datasheet HTML 5Page - NXP Semiconductors 2PA1774 Datasheet HTML 6Page - NXP Semiconductors 2PA1774 Datasheet HTML 7Page - NXP Semiconductors 2PA1774 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Jun 01
2
Philips Semiconductors
Preliminary specification
PNP general purpose transistor
2PA1774
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 40 V).
APPLICATIONS
• General purpose switching and amplification in
communication, electronic data processing (EDP) and
consumer applications.
DESCRIPTION
PNP transistor in an SC-75 plastic package.
NPN complement: 2PC4617.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline (SC-75) and symbol.
handbook, halfpage
MAM362
1
2
3
Top view
12
3
MARKING
TYPE NUMBER
MARKING CODE
2PA1774Q
YQ
2PA1774R
YR
2PA1774S
YS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−50
V
VCEO
collector-emitter voltage
open base
−−40
V
VEBO
emitter-base voltage
open collector
−−5V
IC
collector current (DC)
−−100
mA
ICM
peak collector current
−−200
mA
IBM
peak base current
−−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
150
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com