Electronic Components Datasheet Search
  English  ▼

X  

BYV29F Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BYV29F
Description  Dual Ultrafast Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYV29F Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BYV29F Datasheet HTML 1Page - EIC discrete Semiconductors BYV29F Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( BYV29F Series )
FIG.1 - MAXIMUM FORWARD CURRENT
FIG.2 - MAXIMUM NON-REPETITIVE
DERATING CURRENT
PEAK FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS
FIG. 4 - TYPICAL REVERSE LEAKAGE
FORWARD CHARACTERISTICS
CHARACTERISTICS
FIG. 5 – TYPICAL JUNCTION CAPACITANCE
Page 2 of 2
Rev. 02 : March 25, 2005
10
8
6
4
12
10
0
150
0
75
10
80
1000
100
1
100
140
20
40
60
120
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ = 100 °C
Pulse Width = 300
µs
1% Duty Cycle
1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
0.01
2
Resistive or Inductive Load
0
0.1
REVERSE VOLTAGE, VOLTS
0.1
1
10
100
0
10
100
TJ = 25 °C
2.0
TJ = 25°C
f = 1.0 MHz
Vsig = 50 mVp-p
8.3ms SINGLE HALF SINE-WAVE
(JEDEC) Method
Tj =150 °C
25
50
100
125
0.1
100
TJ = 25 °C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com