Electronic Components Datasheet Search
  English  ▼

X  

BYVF32 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BYVF32
Description  Dual Ultrafast Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYVF32 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BYVF32 Datasheet HTML 1Page - EIC discrete Semiconductors BYVF32 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYVF32 Series
Dual Ultrafast Plastic Rectifiers
PRV : 50 - 200 Volts
Io : 18 Ampere
FEATURES :
* High current capability
* High surge current capability
* Low leakage, high voltage
* Glass passivated chip junction
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Epoxy, Molded
* Lead Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
* Polarity: As marked
* Mounting Position: Any
* Weight : 2.24 grams (Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Ta =25°C unless otherwise specified.)
SYMBOL BYVF32-50
BYVF32-
100
BYVF32-150
BYVF32-
200
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
V
Maximum RMS Voltage
VRMS
35
70
105
140
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
V
Maximum Average Forward Current, Tc = 100°C
IF(AV)
18
A
Maximum Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method) at Tc = 100°C
Maximum Instantaneous Forward Voltage per Leg
at IF = 20A
VF
1.15
V
IF = 5.0A, Tj = 100°C
0.85
Maximum Reverse Current per Leg
IR
10 (Tc = 25°C)
µA
at Rated DC Blocking Voltage
IR(H)
600 (Tc = 100°C)
µA
Maximum Reverse Recovery Time per Leg
(IF = 1A, VR = 30V , di/dt = 100A/µs, Irr = 10%IRM)
Typical junction capacitance at 4V, 1MHz
Cj
85
pF
Maximum Thermal Resistance, Junction to Case
R
θJC
3.0
°C/W
Operating storage and temperature range
TJ, TSTG
- 55 to + 150
°C
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
IFSM
150
ns
Trr
35
A
0.110(2.8)
0.098(2.5)
0.055(1.4)Max.
0.543(13.8)
0.512(13.2)
ITO-220AB
Dimensions in inches and ( millimeters )
0.100(2.55)
0.124(3.16)Max.
0.272(6.9)
0.248(6.3)
0.161(4.1)Max.
0.603(15.5)
0.573(14.8)
0.185(4.70)Max.
0.035(0.9)Max.
0.406(10.3)MAX.
0.134(3.4)DIA.
0.113(3.0)DIA.
0.112(2.85)
0.100(2.55)
0.030(0.76)Max.
2
3
1
PIN 1
PIN 3
PIN 2


Similar Part No. - BYVF32

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYVF32 VISHAY-BYVF32 Datasheet
85Kb / 3P
Dual Ultrafast Rectifiers
26-Mar-03
logo
Inchange Semiconductor ...
BYVF32-100 ISC-BYVF32-100 Datasheet
300Kb / 2P
Ultrafast Rectifier Diode
BYVF32-150 ISC-BYVF32-150 Datasheet
300Kb / 2P
Ultrafast Rectifier Diode
BYVF32-200 ISC-BYVF32-200 Datasheet
300Kb / 2P
Ultrafast Rectifier Diode
logo
Vishay Siliconix
BYVF32-200-E3 VISHAY-BYVF32-200-E3 Datasheet
151Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
23-Feb-16
More results

Similar Description - BYVF32

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FES16JT VISHAY-FES16JT Datasheet
187Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
FESF16FT VISHAY-FESF16FT Datasheet
190Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
logo
EIC discrete Semiconduc...
BYV29F EIC-BYV29F Datasheet
44Kb / 2P
Dual Ultrafast Plastic Rectifiers
FES8AT EIC-FES8AT Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
FES16XX EIC-FES16XX Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
MURF1005CT EIC-MURF1005CT Datasheet
38Kb / 2P
Dual Ultrafast Plastic Rectifiers
MURF1620CT EIC-MURF1620CT Datasheet
44Kb / 2P
Dual Ultrafast Plastic Rectifiers
FEP30AP EIC-FEP30AP Datasheet
123Kb / 2P
Dual Ultrafast Plastic Rectifiers
logo
Formosa MS
MUR1020CT FORMOSA-MUR1020CT Datasheet
227Kb / 2P
Ultrafast Plastic Rectifiers
MUR1620CT FORMOSA-MUR1620CT Datasheet
108Kb / 2P
Ultrafast Plastic Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com