Electronic Components Datasheet Search
  English  ▼

X  

CT1501 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # CT1501
Description  CENTER TAP DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

CT1501 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  CT1501 Datasheet HTML 1Page - EIC discrete Semiconductors CT1501 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CT1500 - CT1510
CENTER TAP DIODES
PRV : 50 - 1000 Volts
Io : 30 Amperes
FEATURES :
* High case dielectric strength
* High surge current capability
* High reliability
* High efficiency
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally
mounted in the bridge encapsulation
* Epoxy : UL94V-O rate flame retardant
* Terminals : plated .25" (6.35 mm). Faston
* Polarity : Polarity symbols marked on case
* Mounting position : Bolt down on heat-sink with
silicone thermal compound between bridge
and mounting surface for maximum heat
transfer efficiency.
* Weight : 16 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RATING
SYMBOL CT1500 CT1501 CT1502 CT1504 CT1506 CT1508 CT1510
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current Tc = 55
°C
IO
30
A
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
400
A
Current Squared Time at t < 8.3 ms.
I
2t
660
A
2S
Maximum Forward Voltage per Diode at IF=15 Amps.
VF
1.1
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
200
µA
Typical Thermal Resistance (Note 1)
R
θJC
1.4
°C/W
Operating Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes :
1 ) Thermal resistance from Junction to Case with units mounted on a 9"x3.5"x4.6" (22.9x8.9x11.7 cm) Al-Finned Heatsink.
Page 1 of 2
Rev. 02 : March 24, 2005
CT15
Dimensions in inches and ( millimeters )
φ
0.728(18.50)
0.688(17.40)
0.685(16.70)
0.618(15.70)
1.130(28.70)
1.120(28.40)
0.210(5.30)
0.200(5.10)
0.658(16.70)
0.618(15.70)
0.032(0.81)
0.028(0.71)
0.252(6.40)
0.248(6.30)
0.905(23.0)
0.826(21.0)
0.100(2.50)
0.090(2.30)
0.310(7.87)
0.280(7.11)
Metal Heatsink
~
~
+


Similar Part No. - CT1501

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
CT1501 NJSEMI-CT1501 Datasheet
155Kb / 2P
CENTER TAP DIODES
logo
EIC discrete Semiconduc...
CT1501R EIC-CT1501R Datasheet
40Kb / 2P
CENTER TAP DIODES
More results

Similar Description - CT1501

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTB-24 SANKEN-CTB-24 Datasheet
32Kb / 2P
Schottky Barrier Diodes (Center-tap) 40V
FME-24H SANKEN-FME-24H Datasheet
17Kb / 1P
Schottky Barrier Diodes (Center tap) 40V
logo
Diotec Semiconductor
DAN208 DIOTEC-DAN208 Datasheet
122Kb / 2P
Silicon-Twin Diodes Center tap
logo
EIC discrete Semiconduc...
CT1500R EIC-CT1500R Datasheet
40Kb / 2P
CENTER TAP DIODES
logo
Sangdest Microelectroni...
201CMQ_SERIES SMC-201CMQ_SERIES Datasheet
211Kb / 4P
Center tap module
201CNQ_SERIES SMC-201CNQ_SERIES Datasheet
209Kb / 4P
Center tap module
203CMQ_SERIES SMC-203CMQ_SERIES Datasheet
218Kb / 4P
Center tap module
209CMQ_SERIES SMC-209CMQ_SERIES Datasheet
155Kb / 4P
Center tap module
301CNQ_SERIES SMC-301CNQ_SERIES Datasheet
206Kb / 4P
Center tap module
logo
New Jersey Semi-Conduct...
CT1500 NJSEMI-CT1500 Datasheet
155Kb / 2P
CENTER TAP DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com