Electronic Components Datasheet Search
  English  ▼

X  

HSS101 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # HSS101
Description  SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HSS101 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  HSS101 Datasheet HTML 1Page - EIC discrete Semiconductors HSS101 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HSS101
SCHOTTKY BARRIER DIODE
FEATURES :
• Very Low IR
• Low VF and high efficiency.
• Pb / RoHS Free
MECHANICAL DATA :
Case: DO-34 Glass Case
Weight: approx. 0.11g
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Average Rectified Current
Io
35
mA
Power Dissipation
PD
150
mW
Junction Temperature
TJ
100
°C
Storage temperature range
Tstg
-65 to + 100
°C
Electrical Characteristics (Ta = 25
°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Current
IR
VR = 10 V
-
-
10
nA
Reverse Voltage
VR
IR = 10 µA
30
-
-
V
VF
IF = 10 mA
-
-
0.7
V
Diode Capacitance
Cd
VR = 0V, f = 1MHz
-
-
1.5
pF
Diode Capacitance Deviation
∆Cd
VR = 0V, f = 1MHz
-
-
0.1
pF
∆V
F
IF = 10 mA
-
-
10
mV
Page 1 of 2
Rev. 02 : March 24, 2005
Test Condition
Parameter
Forward Voltage Deviation
Forward Voltage
DO - 34 Glass
0.063 (1.6 )max.
0.119 (3.04)
max.
0.022 (0.55)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark


Similar Part No. - HSS101

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSS1010A JLWORLD-HSS1010A Datasheet
2Mb / 1P
Specification for other impedance is available upon request
HSS1010A-8 JLWORLD-HSS1010A-8 Datasheet
2Mb / 1P
Specification for other impedance is available upon request
More results

Similar Description - HSS101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com