Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4680 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MMSZ4680
Description  ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MMSZ4680 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MMSZ4680 Datasheet HTML 1Page - EIC discrete Semiconductors MMSZ4680 Datasheet HTML 2Page - EIC discrete Semiconductors MMSZ4680 Datasheet HTML 3Page - EIC discrete Semiconductors MMSZ4680 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Test
Maximum Reverse
Current
Leakage Current
IZT
Min.
Nom.
Max.
(µA)
(
μA)
(V)
MMSZ4678
BC
1.71
1.8
1.89
50
7.5
1.0
MMSZ4679
BD
1.90
2.0
2.10
50
5.0
1.0
MMSZ4680
BE
2.09
2.2
2.31
50
4.0
1.0
MMSZ4681
BF
2.28
2.4
2.52
50
2.0
1.0
MMSZ4682
BH
2.565
2.7
2.835
50
1.0
1.0
MMSZ4683
BJ
2.85
3.0
3.15
50
0.8
1.0
MMSZ4684
BK
3.13
3.3
3.47
50
7.5
1.5
MMSZ4685
BM
3.42
3.6
3.78
50
7.5
2.0
MMSZ4686
BN
3.70
3.9
4.10
50
5.0
2.0
MMSZ4687
BP
4.09
4.3
4.52
50
4.0
2.0
MMSZ4688
BR
4.47
4.7
4.94
50
10
3.0
MMSZ4689
BX
4.85
5.1
5.36
50
10
3.0
MMSZ4690
BY
5.32
5.6
5.88
50
10
4.0
MMSZ4691
BZ
5.89
6.2
6.51
50
10
5.0
MMSZ4692
CA
6.46
6.8
7.14
50
10
5.1
MMSZ4693
CB
7.13
7.5
7.88
50
10
5.7
MMSZ4694
CC
7.79
8.2
8.61
50
1.0
6.2
MMSZ4695
CD
8.27
8.7
9.14
50
1.0
6.6
MMSZ4696
CE
8.65
9.1
9.56
50
1.0
6.9
MMSZ4697
CF
9.50
10
10.50
50
1.0
7.6
MMSZ4698
CH
10.45
11
11.50
50
0.05
8.4
MMSZ4699
CJ
11.40
12
12.60
50
0.05
9.1
MMSZ4700
CK
12.35
13
13.65
50
0.05
9.8
MMSZ4701
CM
13.30
14
14.70
50
0.05
10.6
MMSZ4702
CN
14.25
15
15.75
50
0.05
11.4
MMSZ4703
CP
15.20
16
16.80
50
0.05
12.1
MMSZ4704
CR
16.15
17
17.85
50
0.05
12.9
MMSZ4705
CX
17.10
18
18.90
50
0.05
13.6
MMSZ4706
CY
18.05
19
19.95
50
0.05
14.4
MMSZ4707
CZ
19.00
20
21.00
50
0.01
15.2
MMSZ4708
DA
20.90
22
23.10
50
0.01
16.7
MMSZ4709
DB
22.80
24
25.20
50
0.01
18.2
MMSZ4710
DC
23.75
25
26.25
50
0.01
19.0
MMSZ4711
DD
25.65
27
28.35
50
0.01
20.4
MMSZ4712
DE
26.60
28
29.40
50
0.01
21.2
MMSZ4713
DF
28.50
30
31.50
50
0.01
22.8
MMSZ4714
DH
31.35
33
34.65
50
0.01
25.0
MMSZ4715
DJ
34.20
36
37.80
50
0.01
27.3
MMSZ4716
DK
37.05
39
40.95
50
0.01
29.6
MMSZ4717
DM
40.85
43
45.15
50
0.01
32.6
Notes :
(1) Tested with pulses tp = 20 ms
(2) Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30°C ±1°C
Page 2 of 4
Rev. 02 : April 5, 2006
Type No.
IR
@
V R
VZ @ IZT
(V)
Zener Voltage
(1,2)
Marking
Certificate TH97/10561QM
Certificate TW00/17276EM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com