Electronic Components Datasheet Search
  English  ▼

X  

GLZ10C Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # GLZ10C
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

GLZ10C Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  GLZ10C Datasheet HTML 1Page - EIC discrete Semiconductors GLZ10C Datasheet HTML 2Page - EIC discrete Semiconductors GLZ10C Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Test
Maximum Zener
Maximum
Current
Impedance , f = 1kHz
Reverse Current
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
at VR
min.
max.
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
A
3.160
3.380
B
3.320
3.530
A
3.455
3.695
B
3.600
3.845
A
3.74
4.01
B
3.89
4.16
A
4.04
4.29
B
4.17
4.43
C
4.30
4.57
A
4.44
4.68
B
4.55
4.80
C
4.68
4.93
A
4.81
5.07
B
4.94
5.20
C
5.09
5.37
A
5.28
5.55
B
5.45
5.73
C
5.61
5.91
A
5.78
6.09
B
5.96
6.27
C
6.12
6.44
A
6.29
6.63
B
6.49
6.83
C
6.66
7.01
A
6.85
7.22
B
7.07
7.45
C
6.29
7.67
A
7.53
7.92
B
7.78
8.19
C
8.03
8.45
A
8.29
8.73
B
8.57
9.01
C
8.83
9.30
A
9.12
9.59
B
9.41
9.90
C
9.70
10.20
D
9.94
10.44
A
10.18
10.71
B
10.50
11.05
C
10.82
11.38
A
11.13
11.71
B
11.44
12.03
C
11.74
12.35
A
12.11
12.75
B
12.55
13.21
C
12.99
13.66
Page 2 of 3
Rev. 02 : March 25, 2005
0.5
0.2
10
GLZ13
10
14
110
8
20
12
110
0.5
0.2
9
10
120
0.5
0.2
6
20
8
120
0.5
0.2
7
8
120
0.5
0.5
4
20
8
120
0.5
0.5
5
8
120
0.5
0.5
3
2
3.5
20
8
150
0.5
10
300
1
5
2.5
20
13
500
1
5
1
20
20
800
1
5
1.5
25
900
1
5
1
20
40
1000
1
5
1
50
1000
1
5
1
20
60
1000
1
10
1
70
1000
1
20
GLZ10
GLZ7.5
GLZ8.2
GLZ9.1
GLZ4.7
GLZ5.1
GLZ5.6
GLZ11
GLZ12
20
20
20
20
20
20
20
GLZ6.8
GLZ6.2
GLZ3.3
GLZ3.6
GLZ3.9
GLZ4.3
Type
Vz (V) at IZT
Zener Voltage
Rank



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com