Electronic Components Datasheet Search
  English  ▼

X  

STBK024 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # STBK024
Description  SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STBK024 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  STBK024 Datasheet HTML 1Page - EIC discrete Semiconductors STBK024 Datasheet HTML 2Page - EIC discrete Semiconductors STBK024 Datasheet HTML 3Page - EIC discrete Semiconductors STBK024 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STBK06I - STBK5G4
VBR : 6.8 - 440 Volts
PPK : 1500 Watts
FEATURES :
* 1500W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less
then 1.0 ps from 0 volt to VBR(min.)
* Typical IR less then 1µA above 10V
* Pb / RoHS Free
MECHANICAL DATA
* Case : SMC Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end except Bipolar.
* Mounting position : Any
* Weight : 0.21 grams
DEVICES FOR UNIPOLAR APPLICATIONS
For Uni-directional altered the third letter of type from "B" to be "U".
Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Power Dissipation at Ta = 25 °C, Tp=1ms (Note1)
PPK
Minimum 1500
W
Steady State Power Dissipation at T
L = 75 °C
PD
5.0
W
Operating and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Note :
(1) Non-repetitive Current pulse, per Fig. 2 and derated above Ta = 25
°C per Fig. 1
Page 1 of 4
Rev. 06 : May 2, 2006
SMC (DO-214AB)
Dimensions in inches and (millimeter)
0.245(6.22)
0.121(3.07)
0.115(2.92)
0.220(5.59)
0.012(0.305)
0.103(2.62)
0.060(1.52)
0.079(2.00)
0.006(0.152)
0.030(0.76)
0.008(0.203)
0.004(0.102)
SURFACE MOUNT
BIDIRECTIONAL TRANSIENT
VOLTAGE SUPPRESSOR
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - STBK024

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
STB APEX-ELECTRONICS-STB Datasheet
460Kb / 3P
Miniature toggle switches, IP67
logo
Eravant
STB-0114033018-KFKF-S1 ERAVANT-STB-0114033018-KFKF-S1 Datasheet
352Kb / 4P
Broadband Amplifier, 10 MHz to 40 GHz, 30 dB Gain, 18 dBm P1dB
Rev 1.1
STB-0114034018-KFKF-S1 ERAVANT-STB-0114034018-KFKF-S1 Datasheet
396Kb / 4P
Broadband Amplifier, 10 MHz to 40 GHz, 40 dB Gain, 18 dBm P1dB
Rev 1.2
STB-0115033018-2F2F-S1 ERAVANT-STB-0115033018-2F2F-S1 Datasheet
358Kb / 4P
Broadband Amplifier, 10 MHz to 50 GHz, 30 dB Gain, 18 dBm P1dB
STB-0115034018-2F2F-S1 ERAVANT-STB-0115034018-2F2F-S1 Datasheet
394Kb / 4P
Broadband Amplifier, 10 MHz to 50 GHz, 40 dB Gain, 18 dBm P1dB
Rev 1.2
More results

Similar Description - STBK024

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65 Datasheet
165Kb / 4P
Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
STBS06H EIC-STBS06H Datasheet
54Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB606I EIC-STB606I Datasheet
73Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB06I EIC-STBB06I Datasheet
73Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBN06I EIC-STBN06I Datasheet
74Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP06I EIC-STBP06I Datasheet
73Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
STB606I EIC-STB606I Datasheet
78Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com