Electronic Components Datasheet Search
  English  ▼

X  

ADM1485ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1485ARMZ
Description  5 V Low Power EIA RS-485 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1485ARMZ Datasheet(HTML) 4 Page - Analog Devices

  ADM1485ARMZ Datasheet HTML 1Page - Analog Devices ADM1485ARMZ Datasheet HTML 2Page - Analog Devices ADM1485ARMZ Datasheet HTML 3Page - Analog Devices ADM1485ARMZ Datasheet HTML 4Page - Analog Devices ADM1485ARMZ Datasheet HTML 5Page - Analog Devices ADM1485ARMZ Datasheet HTML 6Page - Analog Devices ADM1485ARMZ Datasheet HTML 7Page - Analog Devices ADM1485ARMZ Datasheet HTML 8Page - Analog Devices ADM1485ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
REV.
–4–
ADM1485
Test Circuits
VOD
R
R
VOC
Test Circuit 1. Driver Voltage Measurement
VOD3
60
375
375
VTST
Test Circuit 2. Driver Voltage Measurement
RLDIFF
A
B
CL1
CL2
Test Circuit 3. Driver Propagation Delay
DE
0V OR 3V
DE IN
A
B
S1
CL
VOUT
RL
S2
VCC
Test Circuit 4. Driver Enable/Disable
RE
A
B
CL
VOUT
Test Circuit 5. Receiver Propagation Delay
RE
+1.5V
RE IN
S1
CL
VOUT
RL
S2
VCC
–1.5V
Test Circuit 6. Receiver Enable/Disable
Switching Characteristics
3V
0V
B
A
0V
–VO
VO
90% POINT
10% POINT
tR
tSKEW = tPLH – tPHL
1/2VO
tPLH
1.5V
1.5V
tPHL
90% POINT
10% POINT
tF
VO
Figure 1. Driver Propagation Delay, Rise/Fall Timing
DE
A, B
A, B
1.5V
2.3V
2.3V
tZH
tZL
1.5V
3V
0V
VOL
VOH
0V
VOL + 0.5V
VOH – 0.5V
tHZ
tLZ
Figure 2. Driver Enable/Disable Timing
A, B
RO
0V
tPLH
1.5V
0V
tPHL
1.5V
VOH
VOL
tSKEW = tPLH – tPHL
Figure 3. Receiver Propagation Delay
RE
R
R
1.5V
1.5V
1.5V
tZH
tZL
1.5V
3V
0V
VOL
VOH
VOL + 0.5V
VOH – 0.5V
tHZ
tLZ
O/P LOW
O/P HIGH
0V
Figure 4. Receiver Enable/Disable Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com