Electronic Components Datasheet Search
  English  ▼

X  

ADM202 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM202
Description  High Speed, 5 V, 0.1 μF CMOS RS-232 Driver/Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202 Datasheet(HTML) 2 Page - Analog Devices

  ADM202 Datasheet HTML 1Page - Analog Devices ADM202 Datasheet HTML 2Page - Analog Devices ADM202 Datasheet HTML 3Page - Analog Devices ADM202 Datasheet HTML 4Page - Analog Devices ADM202 Datasheet HTML 5Page - Analog Devices ADM202 Datasheet HTML 6Page - Analog Devices ADM202 Datasheet HTML 7Page - Analog Devices ADM202 Datasheet HTML 8Page - Analog Devices ADM202 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ADM202
Data Sheet
Rev. B | Page 2 of 10
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Application Circuit ............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ..............................................6
Theory of Operation .........................................................................7
Applications Information .................................................................8
Charge Pump DC-to-DC Voltage Converter ............................8
TTL/CMOS to RS-232 Transmitters (Drivers) .........................8
RS-232 to TTL/CMOS Receivers ................................................8
Outline Dimensions..........................................................................9
Ordering Guide .......................................................................... 10
REVISION HISTORY
8/2016—Rev. A to Rev. B
Updated Format..................................................................Universal
Deleted ADM203................................................................Universal
Changes to Typical Application Circuit Section Heading........... 1
Deleted ADM203 Functional Block Diagram Figure;
Renumbered Sequentially................................................................ 1
Changes to Features Section and General Description Section . 1
Deleted ADM203 Pin Configuration Figure and Figure 1 ......... 3
Changed TIN to TxIN.......................................................Throughout
Changes to Table 2.............................................................................4
Changes to Table 3.............................................................................5
Changes to Theory of Operation Section.......................................7
Changes to TTL/CMOS to RS-232 Transmitters (Drivers)
Section and RS-232 to TLL/CMOS Receivers Section.................8
Updated Outline Dimensions..........................................................9
Changes to Ordering Guide.......................................................... 10
1/2001—Rev. 0 to Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com