Electronic Components Datasheet Search
  English  ▼

X  

ADM488AN Datasheet(PDF) 8 Page - Analog Devices

Part # ADM488AN
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488AN Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM488AN Datasheet HTML 4Page - Analog Devices ADM488AN Datasheet HTML 5Page - Analog Devices ADM488AN Datasheet HTML 6Page - Analog Devices ADM488AN Datasheet HTML 7Page - Analog Devices ADM488AN Datasheet HTML 8Page - Analog Devices ADM488AN Datasheet HTML 9Page - Analog Devices ADM488AN Datasheet HTML 10Page - Analog Devices ADM488AN Datasheet HTML 11Page - Analog Devices ADM488AN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM488/ADM489
Rev. D | Page 8 of 16
SWITCHING CHARACTERISTICS
–VO
VO
1/2VO
0V
3V
1.5V
1.5V
TPLH
TSKEW
+VO
0V
90% POINT
10% POINT
90% POINT
10% POINT
TPHL
B
A
TSKEW
TR
TF
Figure 11. Driver Propagation Delay, Rise/Fall Timing
TPLH
TPHL
0V
0V
1.5V
1.5V
A–B
RO
VOL
VOH
A–B
Figure 12. Receiver Propagation Delay
TZH
1.5V
DE
1.5V
3V
0V
2.3V
THZ
VOH
0V
A, B
TZL
2.3V
TLZ
VOL
A, B
VOL +0.5V
VOH –0.5V
Figure 13. Driver Enable/Disable Timing
1.5V
1.5V
3V
0V
1.5V
0V
R
1.5V
R
O/P LOW
O/P HIGH
RE
VOL +0.5V
VOH –0.5V
VOL
VOH
TZL
TZH
TLZ
THZ
Figure 14. Receiver Enable/Disable Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com