Electronic Components Datasheet Search
  English  ▼

X  

STBN030 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # STBN030
Description  SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STBN030 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  STBN030 Datasheet HTML 1Page - EIC discrete Semiconductors STBN030 Datasheet HTML 2Page - EIC discrete Semiconductors STBN030 Datasheet HTML 3Page - EIC discrete Semiconductors STBN030 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STBN06I - STBN5D0
VBR : 6.8 - 200 Volts
PPK : 1500 Watts
FEATURES :
* 1500W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less
then 1.0 ps from 0 volt to VBR(min.)
* Typical IR less then 1µA above 10V
MECHANICAL DATA
* Case : SMC Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end except Bipolar.
* Mounting position : Any
* Weight : 0.21 grams
DEVICES FOR UNIPOLAR APPLICATIONS
For Uni-directional altered the third letter of type from "B" to be "U".
Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Power Dissipation at Ta = 25
°C, Tp=1ms (Note1)
PPK
Minimum 1500
W
Steady State Power Dissipation at TL = 75
°C (Note 2)
PD
5.0
W
Operating and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Note :
(1) Non-repetitive Current pulse, per Fig. 2 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on copper Lead area at 5.0 mm
2 ( 0.013 mm thick ).
Page 1 of 4
Rev. 04 : March 25, 2005
SMC (DO-214AB)
Dimensions in inches and (millimeter)
0.2 45(6.22)
0.121(3.07)
0.115(2.92)
0.2 20(5.59)
0.012(0.305)
0.103(2.62)
0.0 60(1.52)
0.079(2.00)
0.006(0.152)
0.0 30(0.76)
0.008(0.203)
0.004(0.102)
SURFACE MOUNT
BIDIRECTIONAL TRANSIENT
VOLTAGE SUPPRESSOR
* Pb / RoHS Free


Similar Part No. - STBN030

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
STBNCO2212 SCHNEIDER-STBNCO2212 Datasheet
145Kb / 4P
standard Network Interface Module STB - CANopen bus - 1 Mbit/s
Apr 8, 2022
STBNDN2212 SCHNEIDER-STBNDN2212 Datasheet
137Kb / 4P
standard Network Interface Module STB - DeviceNet - 125..500 kbit/s
Apr 8, 2022
STBNDP2212 SCHNEIDER-STBNDP2212 Datasheet
141Kb / 4P
standard Network Interface Module STB - Profibus DP - 9.6 kbit/s
Apr 8, 2022
STBNFP2212 SCHNEIDER-STBNFP2212 Datasheet
141Kb / 4P
standard Network Interface Module STB - Fipio - 1 Mbit/s
Apr 8, 2022
STBNIB2212 SCHNEIDER-STBNIB2212 Datasheet
125Kb / 4P
standard Network Interface Module STB - Interbus - 500 kbit/s
Apr 8, 2022
More results

Similar Description - STBN030

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65 Datasheet
165Kb / 4P
Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
STBS06H EIC-STBS06H Datasheet
54Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB606I EIC-STB606I Datasheet
73Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB06I EIC-STBB06I Datasheet
73Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBK06I EIC-STBK06I Datasheet
58Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP06I EIC-STBP06I Datasheet
73Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
STB606I EIC-STB606I Datasheet
78Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com