Electronic Components Datasheet Search
  English  ▼

X  

Z0200 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # Z0200
Description  SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

Z0200 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  Z0200 Datasheet HTML 1Page - EIC discrete Semiconductors Z0200 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Nominal Zener
Test
Maximum Zener
Maximum Reverse
Maximum DC
Maximum
Voltage
Current
Impedance
Leakage Current
Zener Current
Surge Current
VZ @ IZT
ZZT @ IZT ZZK @ IZK
IZK
IR @ VR
IZM
IRM
(2)
(V)
(mA)
(
Ω)(Ω)
(mA)
(
µA)
(V)
(mA)
(mApk)
Z043
43
2.75
70
1500
0.25
5.0
32
11.0
52
Z047
47
2.40
80
1500
0.25
5.0
35
9.6
47
Z051
51
2.23
95
1500
0.25
5.0
38
8.9
44
Z056
56
2.00
110
2000
0.25
5.0
42
8.0
40
Z062
62
1.83
125
2000
0.25
5.0
47
7.3
36
Z068
68
1.65
150
2000
0.25
5.0
52
6.6
33
Z075
75
1.50
175
2000
0.25
5.0
57
6.0
30
Z082
82
1.37
200
3000
0.25
5.0
62
5.5
27
Z091
91
1.25
250
3000
0.25
5.0
73
5.0
24
Z0100
100
1.12
350
3000
0.25
5.0
76
4.5
22
Z0110
110
1.00
450
4000
0.25
5.0
83
4.1
20
Z0120
120
0.95
550
4500
0.25
5.0
91
3.8
18
Z0130
130
0.88
700
5000
0.25
5.0
98
3.5
17
Z0150
150
0.75
1000
6000
0.25
5.0
114
3.0
15
Z0160
160
0.70
1100
6500
0.25
5.0
121
2.8
14
Z0180
180
0.62
1400
7000
0.25
5.0
136
2.5
12.5
Z0190
190
0.57
1400
7500
0.25
5.0
144
2.3
11.8
Z0200
200
0.55
1700
8000
0.25
5.0
152
2.2
11.2
Note :
(1) The type number listed have a standard tolerance on the nominal zener voltage of ±10%. Add suffix "A" for ±5% tolerance
Page 2 of 2
Rev. 02 : March 25, 2005
IZT
Type No.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com