Electronic Components Datasheet Search
  English  ▼

X  

ADM3222ARS Datasheet(PDF) 14 Page - Analog Devices

Part # ADM3222ARS
Description  Low Power, 3.3 V, RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3222ARS Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM3222ARS Datasheet HTML 8Page - Analog Devices ADM3222ARS Datasheet HTML 9Page - Analog Devices ADM3222ARS Datasheet HTML 10Page - Analog Devices ADM3222ARS Datasheet HTML 11Page - Analog Devices ADM3222ARS Datasheet HTML 12Page - Analog Devices ADM3222ARS Datasheet HTML 13Page - Analog Devices ADM3222ARS Datasheet HTML 14Page - Analog Devices ADM3222ARS Datasheet HTML 15Page - Analog Devices ADM3222ARS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADM3202/ADM3222/ADM1385
Rev. E | Page 14 of 16
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADM3202AN
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
ADM3202ANZ
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
ADM3202ARN
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADM3202ARN-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADM3202ARN-REEL7
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADM3202ARNZ
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADM3202ARNZ-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADM3202ARNZ-REEL7
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADM3202ARU
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM3202ARU-REEL
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM3202ARU-REEL7
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM3202ARUZ
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM3202ARUZ-REEL
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM3202ARUZ-REEL7
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM3202ARW
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM3202ARW-REEL7
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM3202ARWZ
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM3202ARWZ-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM3202ARWZ-REEL7
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM3222AN
−40°C to +85°C
18-Lead Plastic Dual In-Line Package [PDIP]
N-18
ADM3222ANZ
−40°C to +85°C
18-Lead Plastic Dual In-Line Package [PDIP]
N-18
ADM3222ARS
−40°C to +85°C
20-Lead Shrink Small Outline Package [SSOP]
RS-20
ADM3222ARS-REEL
−40°C to +85°C
20-Lead Shrink Small Outline Package [SSOP]
RS-20
ADM3222ARS-REEL7
−40°C to +85°C
20-Lead Shrink Small Outline Package [SSOP]
RS-20
ADM3222ARSZ
−40°C to +85°C
20-Lead Shrink Small Outline Package [SSOP]
RS-20
ADM3222ARSZ-REEL
−40°C to +85°C
20-Lead Shrink Small Outline Package [SSOP]
RS-20
ADM3222ARSZ-REEL7
−40°C to +85°C
20-Lead Shrink Small Outline Package [SSOP]
RS-20
ADM3222ARU
−40°C to +85°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
ADM3222ARU-REEL
−40°C to +85°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
ADM3222ARU-REEL7
−40°C to +85°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
ADM3222ARUZ
−40°C to +85°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
ADM3222ARUZ-REEL
−40°C to +85°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
ADM3222ARUZ-REEL7
−40°C to +85°C
20-Lead Thin Shrink Small Outline Package [TSSOP]
RU-20
ADM3222ARW
−40°C to +85°C
18-Lead Standard Small Outline Package [SOIC_W]
RW-18
ADM3222ARW-REEL
−40°C to +85°C
18-Lead Standard Small Outline Package [SOIC_W]
RW-18
ADM3222ARWZ
−40°C to +85°C
18-Lead Standard Small Outline Package [SOIC_W]
RW-18
ADM3222ARWZ-REEL
−40°C to +85°C
18-Lead Standard Small Outline Package [SOIC_W]
RW-18
ADM3222ARWZ-REEL7
−40°C to +85°C
18-Lead Standard Small Outline Package [SOIC_W]
RW-18
ADM1385ARS
−40°C to +85°C
20-Lead Shrink Small Outline Package [SSOP]
RS-20
ADM1385ARSZ
−40°C to +85°C
20-Lead Shrink Small Outline Package [SSOP]
RS-20
ADM1385ARSZ-REEL
−40°C to +85°C
20-Lead Shrink Small Outline Package [SSOP]
RS-20
ADM1385ARSZ-REEL7
−40°C to +85°C
20-Lead Shrink Small Outline Package [SSOP]
RS-20
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com