Electronic Components Datasheet Search
  English  ▼

X  

GUXTBA02 Datasheet(PDF) 1 Page - Belden Inc.

Part # GUXTBA02
Description  Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 2f SM OS2 G.652.D & G.657.A1. CPR B2ca.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GUXTBA02 Datasheet(HTML) 1 Page - Belden Inc.

  GUXTBA02 Datasheet HTML 1Page - Belden Inc. GUXTBA02 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GUXTBA02
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH
jacket 2f SM OS2 G.652.D & G.657.A1. CPR B2ca.
Product Description
Universal (Indoor/Outdoor) tight buffered optical fiber cable with glass yarns as strength member and improved rodent protection with Low Smoke Zero
Halogen outer jacket. 2 fibers SM OS2 G.652.D & G.657.A1. CPR Euroclass B2ca.
Technical Specifications
Product Overview
Construction Type:
Distribution
Environmental Space:
Indoor/Outdoor - Euroclass B2ca
Suitable Applications:
For outdoor and indoor use in structured (data) wiring systems such as industrial backbone, campus backbone, building backbone (riser) and/or horizontal cabling. For
outdoor and indoor use in networks for industrial, telecom, cable TV and/or broadcast. Support all computer network applications such as FDDI, Gigabit Ethernet and ATM.
Not suitable for blown installation.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
OS2
G.652D & G.657A1
2
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OS2
Tight
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
Cable Core Water Tight:
Yes
Cable Core Waterblocking:
Waterblocking Glass Yarns
Bulk Cable Weight:
42 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 7.0 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1310 nm:
0.40 dB/km
Max. Attenuation at 1550 nm:
0.30 dB/km
Max. Attenuation at 1625 nm:
0.30 dB/km
Mechanical Characteristics
Mechanical Tests


Similar Part No. - GUXTBA02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GUXTBA04 BELDEN-GUXTBA04 Datasheet
141Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 4f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
GUXTBA06 BELDEN-GUXTBA06 Datasheet
141Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 6f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
GUXTBA08 BELDEN-GUXTBA08 Datasheet
142Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 8f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
More results

Similar Description - GUXTBA02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GUXTA02 BELDEN-GUXTA02 Datasheet
141Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 2f SM OS2 G.652.D & G.657.A1. CPR Dca.
2023 Belden, Inc
GUXTA04 BELDEN-GUXTA04 Datasheet
143Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 4f SM OS2 G.652.D & G.657.A1. CPR Dca.
2023 Belden, Inc
GUXTA16 BELDEN-GUXTA16 Datasheet
150Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 16f SM OS2 G.652.D & G.657.A1. CPR Dca.
2023 Belden, Inc
GUXTBA04 BELDEN-GUXTBA04 Datasheet
141Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 4f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
GUXTBA06 BELDEN-GUXTBA06 Datasheet
141Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 6f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
GUXTBA08 BELDEN-GUXTBA08 Datasheet
142Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 8f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
GUXTBA12 BELDEN-GUXTBA12 Datasheet
142Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 12f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
GUXTBA24 BELDEN-GUXTBA24 Datasheet
142Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 24f SM OS2 G.652.D & G.657.A1. CPR B2ca.
2023 Belden, Inc
GUXTBF02 BELDEN-GUXTBF02 Datasheet
141Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 2f SM OS2 G.657.A2. CPR B2ca.
2023 Belden, Inc
GUXTCA04 BELDEN-GUXTCA04 Datasheet
141Kb / 2P
Universal tight buffered OFC: GLASS YARNS (impr. rodent protection) LSZH jacket 4f SM OS2 G.652.D & G.657.A1. CPR Cca.
2023 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com