| Electronic Components Datasheet Search |
|
XRT72L56 Datasheet(PDF) 21 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT72L56 Datasheet(HTML) 21 Page - Exar Corporation |
|
21 / 486 page ![]() áç áç áç áç XRT72L56 SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER PRELIMINARY REV. P1.1.2 XIX RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11) ........................................................ 453 RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13) ................................................................. 453 RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15) ................................................................. 454 RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13) ................................................................. 454 RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15) ................................................................. 454 RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13) ................................................................. 455 RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15) ................................................................. 455 RXE3 CONFIGURATION & STATUS REGISTER 1 (ADDRESS = 0X10) ........................................................ 456 RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13) ................................................................. 456 RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15) ................................................................. 456 RXE3 LAPD CONTROL REGISTER (ADDRESS = 0X18) ........................................................................... 457 RXE3 LAPD CONTROL REGISTER (ADDRESS = 0X18) ........................................................................... 457 7.0 diagnostic operation of the xrt72L56 framer ic .............................................................................. 458 Figure 213. Illustration of the Framer Local Loop-back path, within the XRT72L56 DS3/E3 Framer IC 458 8.0 High Speed HDLC Controller Mode of Operation ........................................................................... 460 8.1 CONFIGURING THE CHANNEL TO OPERATE IN THE HIGH SPEED HDLC CONTROLLER MODE ................................. 460 TABLE 93: ADDRESS LOCATIONS OF EACH OF THE HDLC CONTROL REGISTERS WITHIN THE XRT72L56 DE- VICE . .................................................................................................................................................... 460 HDLC CONTROL REGISTER (ADDRESS = 0X82) ..................................................................................... 460 8.2 OPERATING THE HIGH SPEED HDLC CONTROLLER ............................................................................................ 460 8.2.1 Operating the Transmit HDLC Controller Block .................................................................................... 461 TABLE 94: DESCRIPTION OF EACH OF THE TRANSMIT HDLC CONTROLLER PINS .................................... 462 Figure 214. A Simple Illustration of an Outbound HDLC Frame, as assembled by the Transmit HDLC Con- troller, when CRC-32 is selected. ........................................................................................................ 463 Figure 215. A Simple Illustration of an Outbound HDLC Frame, as assembled by the Transmit HDLC Con- troller, when CRC-16 is selected. ........................................................................................................ 464 8.2.2 Operating the Receive HDLC Controller Block ..................................................................................... 464 TABLE 95: DESCRIPTION OF EACH OF THE RECEIVE HDLC CONTROLLER PINS ...................................... 465 ORDERING INFORMATION ........................................................................................ 466 PACKAGE DIMENSIONS ............................................................................................ 466 REVISION HISTORY ................................................................................................................................ 467 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |