Electronic Components Datasheet Search
  English  ▼

X  

XRT72L71 Datasheet(PDF) 70 Page - Exar Corporation

Part # XRT72L71
Description  DS3 ATM UNI/CLEAR CHANNEL FRAMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L71 Datasheet(HTML) 70 Page - Exar Corporation

Back Button XRT72L71 Datasheet HTML 66Page - Exar Corporation XRT72L71 Datasheet HTML 67Page - Exar Corporation XRT72L71 Datasheet HTML 68Page - Exar Corporation XRT72L71 Datasheet HTML 69Page - Exar Corporation XRT72L71 Datasheet HTML 70Page - Exar Corporation XRT72L71 Datasheet HTML 71Page - Exar Corporation XRT72L71 Datasheet HTML 72Page - Exar Corporation XRT72L71 Datasheet HTML 73Page - Exar Corporation XRT72L71 Datasheet HTML 74Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
XRT72L71
áç
áç
áç
áç
DS3 ATM UNI/CLEAR CHANNEL FRAMER
REV. 1.1.0
66
TABLE 40: PMON FEBE EVENT COUNT REGISTER - LSB
REGISTER 39
PMON FEBE EVENT COUNT REGISTER - LSB
HEX ADDRESS: 0X27
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
FEBE Event Count Low-
byte
RUR
0x00
This “Reset-upon-Read” register, along with “PMON FEBE Event Count
Register - MSB” contains the 16 bit value for the total number of FEBE
events that have been detected since the last read of this register. This reg-
ister contains the “Low” byte value of this 16-bit expression.
NOTE: This register is only active if the XRT72L71 has been configured to
support the “C-bit Parity” Framing format.
TABLE 41: PMON PLCP BIP-8 ERROR COUNT REGISTER - MSB
REGISTER 40
PMON PLCP BIP-8 ERROR COUNT REGISTER - MSB
HEX ADDRESS: 0X28
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
PLCP BIP Error Count
High-byte
RUR
0x00
This “Reset-upon-Read” register, along with “PMON PLCP BIP-8 Error
Count Register - LSB” contains the 16 bit value for the total number of PLCP
BIP-8 Errors that have been detected since the last read of this register. This
register contains the “High” bye value of this 16-bit expression.
NOTE: This register is only active if the XRT72L71 has been configured to
operate in both the “ATM UNI” and “PLCP” Modes.
TABLE 42: PMON PLCP BIP-8 ERROR COUNT REGISTER - LSB
REGISTER 41
PMON PLCP BIP-8 ERROR COUNT REGISTER - LSB
HEX ADDRESS: 0X29
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
PLCP BIP Error Count
Low-byte
RUR
0x00
This “Reset-upon-Read” register, along with “PMON PLCP BIP-8 Error
Count Register - MSB” contains the 16 bit value for the total number of PLCP
BIP-8 Errors that have been detected since the last read of this register. This
register contains the “Low” bye value of this 16-bit expression.
NOTE: This register is only active if the XRT72L71 has been configured to
operate in both the “ATM UNI” and “PLCP” Modes.
TABLE 43: PMON PLCP FRAMING BYTE ERROR COUNT REGISTER - MSB
REGISTER 42
PMON PLCP FRAMING BYTE ERROR COUNT REGISTER - MSB
HEX ADDRESS: 0X2A
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
PLCP FA Error Count High-
byte
RUR
0x00
This “Reset-upon-Read” register, along with “PMON PLCP FA Error Count
Register - LSB” contains the 16 bit value for the total number of PLCP Fram-
ing (e.g, FA1 or FA2) byte errors that have been detected since the last read
of this register. This register contains the “High” byte value of this 16-bit
expression.
NOTE: This register is only active if the XRT72L71 has been configured to
operate in both the “ATM UNI” and “PLCP” Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com