Electronic Components Datasheet Search
  English  ▼

X  

MMFTP84 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMFTP84
Description  P-Channel Enhancement Mode FET P-Kanal FET - Anreicherungstyp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMFTP84 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMFTP84 Datasheet HTML 1Page - Diotec Semiconductor MMFTP84 Datasheet HTML 2Page - Diotec Semiconductor MMFTP84 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMFTP84
MMFTP84
P-Channel Enhancement Mode FET
P-Kanal FET – Anreicherungstyp
ID
= - 130 mA
RDS(on) < 10 Ω
Tjmax
= 150°C
VDS = - 60 V
Ptot = 250 mW
Version 2021-05-27
SOT-23
TO-236
SPICE Model & STEP File 1)
Marking Code
SP
HS Code 85412100
Typical Applications
Signal processing
Drivers
Logic level converter
Commercial grade
Suffix -Q: AEC-Q101 compliant 1)
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
Signalverarbeitung
Treiberstufen
Logikpegelwandler
Standardausführung
Suffix -Q: AEC-Q101 konform 1)
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
Fast switching times
Compliant to RoHS (w/o exemp.)
REACH, Conflict Minerals 1)
Besonderheiten
Schnelle Schaltzeiten
Konform zu RoHS (ohne Ausn.)
REACH, Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
MMFTP84
Drain-Source-voltage – Drain-Source-Spannung
- VDS
60 V
Gate-Source-voltage – Gate-Source-Spannung
D open
VGSO
± 20 V
Power dissipation – Verlustleistung
Ptot
250 mW 3)
Drain current – Drainstrom
DC
- ID
130 mA
Peak Drain current – Drain-Spitzenstrom
- IDM
520 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
+150°C
-55…+150°C
Dimensions – Maße [mm]
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
3
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
1
2
3


Similar Part No. - MMFTP84

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMFTP84 SEMTECH_ELEC-MMFTP84 Datasheet
170Kb / 2P
P-Channel Enhancement Mode Vertical D-MOS Transistor
logo
Diotec Semiconductor
MMFTP84 DIOTEC-MMFTP84 Datasheet
142Kb / 2P
P-Channel Enhancement Mode FET
logo
VBsemi Electronics Co.,...
MMFTP84 VBSEMI-MMFTP84 Datasheet
986Kb / 7P
P-Channel 60 V (D-S) MOSFET
More results

Similar Description - MMFTP84

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVP1320F ZETEX-ZVP1320F Datasheet
79Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3310A ZETEX-ZVP3310A Datasheet
82Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4424A ZETEX-ZVP4424A Datasheet
108Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Seme LAB
ZVP2106B SEME-LAB-ZVP2106B Datasheet
15Kb / 2P
P CHANNEL ENHANCEMENT MODE DMOS FET
logo
SamHop Microelectronics...
STM4437 SAMHOP-STM4437 Datasheet
644Kb / 7P
P -Channel Enhancement Mode MOS FET
logo
Supertex, Inc
VP5225 SUTEX-VP5225 Datasheet
662Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
TP0604N3-G SUTEX-TP0604N3-G Datasheet
697Kb / 5P
P-Channel Enhancement-Mode Vertical DMOS FET
VP2206N3-G SUTEX-VP2206N3-G Datasheet
757Kb / 6P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Diotec Semiconductor
MMFTP84 DIOTEC-MMFTP84 Datasheet
142Kb / 2P
P-Channel Enhancement Mode FET
MMFTP3401 DIOTEC-MMFTP3401 Datasheet
714Kb / 5P
P-Channel Enhancement Mode FET P-Kanal FET – Anreicherungstyp
2023-01-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com