Electronic Components Datasheet Search
  English  ▼

X  

USB-1602HS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # USB-1602HS
Description  High-Speed Multifunction DAQ with Synchronous I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-1602HS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USB-1602HS Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-1602HS Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-1602HS Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-1602HS Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-1602HS Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-1602HS Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-1602HS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Measurement Computing
(508) 946-5100
2
info@mccdaq.com
mccdaq.com
USB-1602HS and USB-1604HS Series
Counter Input
USB-1602HS and USB-1604HS Series devices have four counters
that accept frequency inputs up to 20 MHz. The counter chan-
nels can be read as 16-bit or 32-bit counters. The default input
type is TTL, rising-edge triggered.
Counters can be used to concurrently monitor time periods, fre-
quencies, pulses, and other event-driven incremental operations.
Users can map counter channels to gate a counter, decrement a
counter, or latch the current count to the count register. Users
can also configure a counter to be gated by another counter
input that is mapped as a gate input.
Counters can be read asynchronously under program control,
or synchronously as part of an analog or digital scan group.
• When read synchronously, all counters are set to zero at
the start of an acquisition.
• When read asynchronously, counters may be cleared on
each read, count up continually, or count until the 16-bit
or 32-bit limit is reached.
Counter, period, pulse width measurement (PWM), and timing
counter modes are supported.
Quadrature Encoders
Users can connect up to three quadrature encoders to measure
linear and rotary position. Encoders with a 16-bit (counter low)
or a 32-bit (counter low and counter high) counter, 6 MHz
maximum pulse frequency, and X1, X2, and X4 count modes
are supported. Each input can be debounced to eliminate noise
or false edges, or to switch induced transients.
Trigger Input
The USB-1602HS and USB-1604HS Series supports hardware and
software triggering.
With hardware-based triggers, an output value is compared
in hardware to an input level on a specified channel. These
hardware-based triggers are supported:
• Analog input hardware
• External digital trigger input (DIG TRIG pin)
With software-based triggers, an analog, digital, or counter
reading is checked by the computer in order to detect a trigger
event. These software-based triggers are supported:
• Analog software trigger
• Digital pattern
• Counter/totalizer
These software triggers can also be used to stop an acquisition.
Features
Timer Output
The USB-1602HS and USB-1604HS Series have two timer outputs
for generating pulse width waves. The duty cycle and frequency
are software-selectable. Timer outputs can be updated asynchro-
nously at any time.
Clock I/O
The USB-1602HS and USB-1604HS Series have independent
input and output pacing clocks.
Users can pace analog, digital, and counter input scans with the
internal input clock or an external clock. Analog channels can
be paced from 0.75 µs to 1000 seconds in 20.83 ns steps. Digital
and counter inputs can be paced from 250 ns to 1 second in
20.83 ns steps. The clock rate is 8 MHz maximum for both the
internal input clock and external input clock.
Users can pace analog, digital, and timer output operations
with the internal input clock, internal output clock, external
input clock, or external output clock. The clock rate is 1 MHz
maximum for analog output operations, and 8 MHz maximum
for digital operations with no analog channels enabled.
Setpoint Detection
Users can configure a detection setpoint for each analog input
channel. Setpoint detection can be used to update an output
channel with an input channel value, or to write a specified
value to a digital output port, when specified criteria is met. This
allows for real-time control based on acquisition data. Setpoint
detection criteria is configurable with software.
Signal Connections
A 68-pin SCSI connector provides connections for all signal I/O
except analog inputs.
BNC connectors provide connections for the analog inputs,
and alternate connections for the external clock and external
digital trigger input.
Calibration
USB-1602HS and USB-1604HS Series devices are factory-calibrat-
ed using a NIST-traceable calibration process. Correction factors
for each range are stored on the device at the time of calibration.
Specifications are guaranteed for one year. For calibration beyond
one year, return the device to the factory for recalibration.
USB-1602HS and USB-1604HS Series devices support field calibra-
tion. Field calibration traceability is derived through the onboard
reference. Use the InstaCal utility to calibrate the device after
it has fully warmed up and immediately before making critical
measurements.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com