Electronic Components Datasheet Search
  English  ▼

X  

USB-3103 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # USB-3103
Description  USB Voltage and Current Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-3103 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  USB-3103 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-3103 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-3103 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-3103 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-3103 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-3103 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-3103 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Measurement Computing
(508) 946-5100
6
info@mccdaq.com
mccdaq.com
USB-3100 Series
Clock Pulse Width
Input: 1 µs min
Output: 5 µs min
Input Leakage Current: ±1.0 µA typ
Input High Voltage: 4.0 V min, 5.5 V absolute max
Input Low Voltage: 1.0 V max, –0.5 V absolute min
Output High Voltage
IOH = –2.5 mA: 3.3 V min
No Load: 3.8 V min
Output Low Voltage
IOL = 2.5 mA: 1.1 V max
No Load: 0.6 V max
When set for input, the analog outputs can be updated immediately or when
a positive edge is detected with software. SYNCLD must be at a low logic level
for DAC outputs to be updated immediately. If an external source is pulling
the pin high, no update occurs.
Counter
Pin Name: CTR
Number of Channels: 1
Resolution: 32-bits
Counter Type: Event counter
Input Type: TTL, rising edge triggered
Counter Read/Write Rates (Software-Paced)
Counter Read/Write: System dependent, 33 to 1000 reads per second
Schmidt Trigger Hysteresis: 20 mV to 100 mV
Input Leakage Current: ±1.0 µA typ
Input Frequency: 1 MHz max
High Pulse Width: 500 nS min
Low Pulse Width: 500 ns min
Input High Voltage: 4.0 V min, 5.5 V absolute max
Input Low Voltage: 1.0 V max, –0.5 V absolute min
Environmental
Operating temperature
USB-3101/3103/3105: 0 ˚C to 70 ˚C
All other devices: 0 ˚C to 50 ˚C
Storage temperature: –40 ˚C to 85 ˚C
Relative humidity (RH): 0% to 90% RH, noncondensing
Power
Supply current (USB enumeration): <100 mA
Supply current (quiescent): Total quiescent current requirement includes up to 10
mA for the status LED. This does not include any potential loading of the digital
I/O bits, +5 V user terminal, or the VOUTx outputs.
USB-3101/3102: 140 mA typ
USB-3103/3104/3110: 160 mA typ
USB-3105/3106: 200 mA typ
USB-3112: 225 mA max
USB-3114: 355 mA max
+5Vuseroutputvoltagerange:4.5 V to 5.25 V (USB power is within specified limits)
+5 V user output current: 10 mA max (total current sourced from the +5V for
general use; includes any additional contribution due to DIO loading.
USB-3102/3104/3106
ITEST output voltage range: 13 V, ±1% typ
ITEST output current: 30 mA max
Refers to the total maximum amount of current that can be sourced from the
ITEST user terminal, which should only be used for biasing individual IOUTx
outputs to facilitate functional testing. Place a load resistor of 100 Ω between
the ITEST pin and the IOUTx pin for proper operation)
External power (USB-3110/3112/3114 only)
Output voltage: 5 V, ±5%
Output wattage: 10 W
Power jack configuration: Two conductor
Power jack barrel diameter: 6.3 mm
Power Jack pin diameter: 2.0 mm
Power jack polarity: Center positive
Mechanical
Dimensions (L × W × H): 127.0 × 88.9 × 35.6 mm (5.0 × 3.5 × 1.4 in.)
Specifications
Specifications – USB-3101FS
Analog Voltage Output
Number of Channels: 4
D/A Converter Resolution: 16 bit
D/A Converter Type: String
Output Range: ±10 V
Power On Voltage: 0 V
Operating Voltage: ±10.7 V nominal, ±10.3 V min, ±11 V max
Current Drive: ±1 mA per channel max
Output Impedance: 0.1 Ω
Stability:
Offset Drift: ±80 µV/ºC
Gain Drift: 6 ppm/ ºC
Protection
Overvoltage: ±30 V
Short-Circuit: Indefinitely
Update Time
One Channel: 3 µs
Two Channels: 5 µs
Three Channels: 7.5 µs
Four Channels: 9.5 µs
Update Rate: 100 kS/s per channel max
Noise: 260 µVrms
Slew Rate: 4 V/µs
Crosstalk: 76 dB
Settling Time:
100 pF Load to 1 LSB
FS Step: 20 µs
3 V Step: 10 µs
0.1 V Step: 8 µs
Glitch Energy
256 Steps, Worst Case: 2 mV for 2 µs
Capacitive Drive: 1,500 pF min
Monotonicity: 16 bits
Differential Nonlinearity: –1 to 2 LSBs max
Integral Nonlinearity (Endpoint): 16 LSBs max
Accuracy
Measurement
Conditions
% of
Reading
% of Range
(Range is Equal to ±10.7 V)
Calibrated, max
(–40 to 70 ºC)
0.35%
0.75%
Calibrated, typ
(25 ºC, ±5 ºC)
0.01%
0.1%
Uncalibrated, max
(–40 to 70 ºC)
2.2%
1.7%
Uncalibrated, typ
(25 ºC, ±5 ºC)
0.3%
0.25%
Environmental
Operating temperature: –40 ˚C to 70 ˚C
Storage temperature: –40 ˚C to 85 ˚C
Operating humidity: 10% to 90% RH non-condensing
Storage humidity: 5% to 95% RH non-condensing
Power
Power consumption: 625 mW max
Thermal dissipation at 70 ˚C: 625 mW max
Mechanical
Dimensions (L × W × H): 114.3 × 139.7 × 38.1 mm (4.5 × 5.5 × 1.5 in.)
Weight: 544 g (1.2 lb)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com