Electronic Components Datasheet Search
  English  ▼

X  

XRT74L74 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT74L74
Description  4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT74L74 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT74L74 Datasheet HTML 17Page - Exar Corporation XRT74L74 Datasheet HTML 18Page - Exar Corporation XRT74L74 Datasheet HTML 19Page - Exar Corporation XRT74L74 Datasheet HTML 20Page - Exar Corporation XRT74L74 Datasheet HTML 21Page - Exar Corporation XRT74L74 Datasheet HTML 22Page - Exar Corporation XRT74L74 Datasheet HTML 23Page - Exar Corporation XRT74L74 Datasheet HTML 24Page - Exar Corporation XRT74L74 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 498 page
background image
XRT74L74
4 CHANNEL, ATM UNI/PPP DS3/E3 FRAMING CONTROLLER
PRELIMINARY
REV. P1.1.1
19
PIN DESCRIPTION
PIN#NAME
TYPE
DESCRIPTION
General Purpose Input and Output Pins
C13
B13
A13
B12
DMO_0
DMO_1
DMO_2
DMO_3
I
“Drive Monitor Output” Input (from the XRT73L04 LIU IC):
This input pin is intended to be tied to the DMO output pin of the XRT73L04 E3/
DS3/STS-1 LIU IC. The user can determine the state of this input pin by reading
Bit 2 (DMO) within the Line Interface Scan Register (Address = 0x73). If this
input signal is “High”, then it means that the drive monitor circuitry (within the
XRT73L04 LIU IC) has not detected any bipolar signals at the MTIP and MRING
inputs within the last 128 ± 32 bit-periods. If this input signal is “Low”, then it
means that bipolar signals are being detected at the MTIP and MRING input pins
of the XRT73L04 device.
NOTE: If the designer is not using the XRT73L04 E3/DS3/STS-1 LIU IC, then
this input pin can be used for other purposes.
R4
T3
T2
T1
GPIO_0
GPIO_1
GPIO_2
GPIO_3
I/O
General Purpose Input/Output pins:
Each of these pin can be configured to function as either input or output pins. If a
given pin is configured to function as an Input pin, then the state of this input pin
can be monitored by reading Bit X within the "XXX" Register (Address Location =
0xXX, 0xXX).
If a given pin is configured to function as a Output pin, then the state of this out-
put pin can be controlled by writing the appropriate value into Bit X within the
"XXX" Register.
A5
D5
C4
A4
LLOOP_0
LLOOP_1
LLOOP_2
LLOOP_3
O
Local Loop-back Output Pin (to the XRT73L04 E3/DS3/STS-1 LIU IC):
This output pin is intended to be connected to the LLOOP input pin of the
XRT73L04 LIU IC. This input pin, along with “RLOOP” permits the user to config-
ure the XRT73L04 LIU IC to operate in either of the following three (3) loop-back
modes.
• Analog Local Loop-Back Mode
• Digital Local Loop-Back Mode
• Remote Loop-Back Mode.
For a detailed description on how to configure the XRT73L04 to operate in each
of these loop-back modes, please see Section _.
Writing a “1” to bit 1 of the “Line Interface Drive Register” (Address = 0xXX,
0xXX) will cause this output pin to toggle “High”. Writing a “0” to this bit-field will
cause the RLOOP output to toggle “Low”.
NOTE: If the user is not using the XRT73L04 DS3/E3/STS-1 LIU IC, then this
output pin can be used for other purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com