Electronic Components Datasheet Search
  English  ▼

X  

AC-161ASTY Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AC-161ASTY
Description  SPECIFICATIONS FOR LCD MODULE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AC-161ASTY Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AC-161ASTY Datasheet HTML 11Page - List of Unclassifed Manufacturers AC-161ASTY Datasheet HTML 12Page - List of Unclassifed Manufacturers AC-161ASTY Datasheet HTML 13Page - List of Unclassifed Manufacturers AC-161ASTY Datasheet HTML 14Page - List of Unclassifed Manufacturers AC-161ASTY Datasheet HTML 15Page - List of Unclassifed Manufacturers AC-161ASTY Datasheet HTML 16Page - List of Unclassifed Manufacturers AC-161ASTY Datasheet HTML 17Page - List of Unclassifed Manufacturers AC-161ASTY Datasheet HTML 18Page - List of Unclassifed Manufacturers AC-161ASTY Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
AMPIRE CO., LTD.
17
13.6 RELIABILITY
Test Conditions
Test Item
Normal Temp. type
Extended Temp. type
Note
High Temperature Operation
50
±3°C , t=96 hrs
70
±3°C , t=96 hrs
Low Temperature Operation
0
±3°C , t=96 hrs
-20
±3°C , t=96 hrs
High Temperature Storage
70
±3°C , t=96 hrs
80
±3°C , t=96 hrs
1,2
Low Temperature Storage
-20
±3°C , t=96 hrs
-30
±3°C , t=96 hrs
1,2
Thermal Shock Test
-20
°C ~ 25°C ~ 70°C
30 m in.
5 min.
30 min.
( 1 cycle )
Total 5 cycle
-30
°C ~ 25°C ~ 80°C
30 min.
5 min.
30 min.
( 1 cycle )
Total 5 cycle
1,2
Humidity Test
40
°C, Humidity 90%, 96 hrs
1,2
Vibration Test (Packing)
Sweep frequency : 10 ~ 55 ~ 10 Hz/1min
Amplitude : 0.75mm
Test direction : X.Y.Z/3 axis
Duration : 30min/each axis
2
Note 1 : Condensation of water is not permitted on the module.
Note 2 : The module should be inspected after 1 hour storage in normal conditions
(15-35°C , 45-65%RH).
Definitions of life end point :
l
Current drain should be smaller than the specific value.
l
Function of the module should be maintained.
l
Appearance and display quality should not have degraded noticeably.
l
Contrast ratio should be greater than 50% of the initial value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com