Electronic Components Datasheet Search
  English  ▼

X  

XRT79L73 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT79L73
Description  3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L73 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT79L73 Datasheet HTML 5Page - Exar Corporation XRT79L73 Datasheet HTML 6Page - Exar Corporation XRT79L73 Datasheet HTML 7Page - Exar Corporation XRT79L73 Datasheet HTML 8Page - Exar Corporation XRT79L73 Datasheet HTML 9Page - Exar Corporation XRT79L73 Datasheet HTML 10Page - Exar Corporation XRT79L73 Datasheet HTML 11Page - Exar Corporation XRT79L73 Datasheet HTML 12Page - Exar Corporation XRT79L73 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
ÿþ
ÿþ
ÿþ
ÿþ
PRELIMINARY
XRT79L73
3 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.0
7
PIN #NAME
TYPE
DESCRIPTION
GENERAL PURPOSE INPUT AND OUTPUT PINS
U3
N26
W5
DMO1
DMO2
DMO3
O
O
O
Drive Monitor Output Pins:
For each channel, if the DMO output signal is "High", then it means that the drive
monitor circuitry within the XRT79L73 has not detected any bipolar signals at the
MTIP and MRING inputs (or via the Internal Drive Monitor circuit) within the last
128 ± 32 bit periods. If this output signal is "Low", then it means that bipolar sig-
nals are being detected at the MTIP and MRING input pins of the XRT79L73.
W1
W2
W3
W4
GPIO_0
GPIO_1
GPIO_2
GPIO_3
I/O
General Purpose Input/Output Pins:
Each of these pins can be configured to function as either a general-purpose input
or output pin. If a given pin (GPIO_X) is configured to function as an input pin,
then the state of this input pin can be monitored by reading Bit X within the "Oper-
ation General Purpose Pin Data" Register (Address Location = 0x0147).
If a given pin is configured to function as an output pin, then the state of this out-
put pin (GPIO_X) can be controlled by writing the appropriate value into Bit X
within the "Operation General Purpose Pin Data" Register.
Finally, the user can configure a given GPIO_X pin to be an input pin by setting Bit
X, within the "Operation General Purpose Pin Direction Control Register (Address
= 0x014B) to "0". Conversely, the user can configure the GPIO_X pin to be an
output pin by setting Bit X, within the "Operation General Purpose Pin Direction
Control" Register (Address = 0x014B) to "1".
PIN #NAME
TYPE
DESCRIPTION
TRANSMIT SYSTEM SIDE INTERFACE PINS
AC4
NibbleIntf
I
Nibble Interface Select Input pin:
This input pin permits the user to configure the Transmit Payload Data
Input Interface and the Receive Payload Data Output Interface blocks to
operate in either the "Serial" or the "Nibble-Parallel" Mode.
Setting this input pin "high" configures each of these blocks to operate in
the Nibble-Parallel Mode. In this mode, the "Transmit Payload Data Input
Interface" block will accept the "outbound" payload data (from the
System-Side terminal equipment) in a "nibble-parallel" manner via the
"TxNib[3:0]" input pins.
Further, the Receive Payload Data Output
Interface block will output "inbound" payload data (to the System-Side
terminal equipment) in a "nibble-parallel" via the "RxNib[3:0] output pins.
Setting this input pin "low" configures each of these blocks to operate in
the Serial Mode. In this mode, the Transmit Payload Data Input Interface
block will accept the "outbound" payload data (from the System-Side
terminal equipment) in a "serial" manner via the "TxSer" input pin.
Further, the Receive Payload Data Output Interface block will output the
"inbound" payload data (to the System-Side terminal equipment) in a
serial manner, via the "RxSer" output pin.NOTE:
NOTE: This input pin is only active if the XRT79L73 device has been configured to
operate in the Clear-Channel Framer Mode. The user is advised to tie
this input pin to GND if the user intends to configure the XRT79L73
device to operate in the ATM UNI or PPP Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com