Electronic Components Datasheet Search
  English  ▼

X  

XRT83D10 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT83D10
Description  SINGLE CHANNEL DS1/CEPT LINE INTERFACE UNIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83D10 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT83D10 Datasheet HTML 5Page - Exar Corporation XRT83D10 Datasheet HTML 6Page - Exar Corporation XRT83D10 Datasheet HTML 7Page - Exar Corporation XRT83D10 Datasheet HTML 8Page - Exar Corporation XRT83D10 Datasheet HTML 9Page - Exar Corporation XRT83D10 Datasheet HTML 10Page - Exar Corporation XRT83D10 Datasheet HTML 11Page - Exar Corporation XRT83D10 Datasheet HTML 12Page - Exar Corporation XRT83D10 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
xr
XRT83D10
SINGLE CHANNEL DS1/CEPT LINE INTERFACE UNIT
REV. 1.0.3
9
FIGURE 5. MICROPROCESSOR INTERFACE TIMING
TABLE 5: MICROPROCESSOR INTERFACE TIMING
SYMBOL
PARAMETER
MIN
MAX
UNIT
t1
Control Signal Rise Time (10% - 90%)
40
ns
t2
Control Signal Rise Time (10% - 90%)
40
ns
t3
Control Signal Pulse Width Time
40
ns
t4
Control SIgnal Setup Time
50
ns
t5
Control Signal Hold Time
40
ns
t
2
t
4
t
3
CS
MODE 1
MODE 2
EC1
EC2
EC3
LOOPA
LLOPB
t
1
t
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com