Electronic Components Datasheet Search
  English  ▼

X  

J15CAP Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # J15CAP
Description  15 AMP JACK SEAL CAP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

J15CAP Datasheet(HTML) 1 Page - Switchcraft, Inc.

  J15CAP Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.23
5.9
0.17
4.3
0.04
1.0
0.28
7.1
1.33
33.9
0.43
11.0
R0.31
7.8
R0.31
7.8
NOTES:
1. USED ON ST15S JACK.
2. ALL DIM REF.
3. RoHS COMPLIANT.
A
J15CAP
15 AMP JACK SEAL CAP
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
1. ALL DIMENSIONS IN INCHES [mm]
- TWO PLACE DECIMALS
0.02 [0.5]
- THREE PLACE DECIMALS
0.005 [0.13]
1
OF
1
SHEET
SRC
6-25-22
SRC
6-21-2022
SRC
6-21-2022
SRC
SRC
7/18/22
28515
APVD
CHKD
BY
DATE DRAWN
2:1
ST15S
SCALE
FIRST USED ON
*
SPEC No.
*
SPEC No.
SANTOPRENE
MATERIAL
*
FINISH
*
*
*
*
*
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
A
SolidWorks CAD File
CUSTOMER DRAWING
A


Similar Part No. - J15CAP

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J151 CIT-J151 Datasheet
290Kb / 4P
Switching capacity up to 20A; small size and light weight
logo
Advanced Semiconductor
J151-ND ASI-J151-ND Datasheet
1Mb / 9P
Silicon MOSFET Technology
REV. A
J151-ND ASI-J151-ND Datasheet
2Mb / 5P
Silicon MOSFET Technology
REV. A
J151-ND ASI-J151-ND Datasheet
1Mb / 9P
Excellent Thermal Stability
REV. A
J151-ND ASI-J151-ND Datasheet
1Mb / 8P
All Gold Bonding Scheme
REV. A
More results

Similar Description - J15CAP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141.324.000 ETC1-R141.324.000 Datasheet
29Kb / 2P
STRAIGHT BULKHEAD JACK PANEL SEAL
logo
Rosenberger Hochfrequen...
64K115-C06B1 ROSENBERGER-64K115-C06B1 Datasheet
199Kb / 2P
Straight jack ??core seal
51Z115-000N ROSENBERGER-51Z115-000N Datasheet
41Kb / 2P
PROTECTION CAP JACK
53Z115-004N ROSENBERGER-53Z115-004N Datasheet
39Kb / 2P
PROTECTION CAP JACK
32Z114-000L5 ROSENBERGER-32Z114-000L5 Datasheet
219Kb / 2P
SHORTING CAP JACK
logo
TE Connectivity Ltd
C-DT04-2P-XXXX TEC-C-DT04-2P-XXXX Datasheet
524Kb / 1P
2 WAY RECEPTACLE, STANDARD SEAL EXTRA THIN SEAL, SHORT CAP AND LONG CAP, DT SERIES
C-DT04-3P-XXXX TEC-C-DT04-3P-XXXX Datasheet
556Kb / 1P
3 WAY RECEPTACLE, STANDARD SEAL EXTRA THIN SEAL, SHORT CAP AND LONG CAP, DT SERIES
C-DT06-2S-XXXX TEC-C-DT06-2S-XXXX Datasheet
498Kb / 1P
2 WAY PLUG, STANDARD SEAL EXTRA THIN SEAL, SHORT CAP AND LONG CAP, DT SERIES
C-DT06-3S-XXXX TEC-C-DT06-3S-XXXX Datasheet
551Kb / 1P
3 WAY PLUG, STANDARD SEAL EXTRA THIN SEAL, SHORT CAP AND LONG CAP, DT SERIES
logo
Switchcraft, Inc.
ST15S SWITCH-ST15S Datasheet
149Kb / 1P
15 AMP JACK ASSEMBLY. RoHS
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com