Electronic Components Datasheet Search
  English  ▼

X  

RAHPCUB20 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # RAHPCUB20
Description  RIGHT ANGLE TYPE-B USB 2.0, RoHS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

RAHPCUB20 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  RAHPCUB20 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.44
11.1
4X 0.026
0.65
0.098
2.50
0.57
14.6
NOTES:
MATERIALS:
1.
HOUSING - THERMOPLASTIC, BLACK
TERMINALS - COPPER ALLOY, GOLD PLATED ON CONTACT AREA
TIN PLATED ON SOLDER TAIL
SHELL - COPPER ALLOY, NICKEL PLATED
ELECTRICAL CHARACTERISTICS:
2.
CONTACT RESISTANCE - 30m OHM MAX
INSULATION RESISTANCE - 1000M OHM MIN @ 500V DC
CURRENT RATING - 1.0A MAX
DIELECTRIC WITHSTAND VOLTAGE - 500V AC FOR 1MINUTE
OPERATING TEMPERATURE: -25°C TO +85°C
3.
THIS PART IS RoHS COMPLIANT
4.
2
1
3
4
0.079
2.00
0.12
3.0
0.405
10.28
0.098
2.50
0.079
2.00
0.472
12.00
4X 0.036
0.92
2X 0.094
2.40
0.185
4.71
PCB LAYOUT
COMPONENT SIDE VIEW
SCALE 3:1
2
1
3
4
0.48
12.2
0.47
12.0
0.64
16.3
0.65
16.5
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
OF
SHEET
APVD
CHKD
BY
DATE DRAWN
SCALE
FIRST USED ON
SPEC No.
SPEC No.
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
B
A
28548
10/26/22 PC
TJK
-
3:1
8/24/22
TS
TS
10/24/22
TS
10/24/22
1
1
RIGHT ANGLE TYPE-B
USB 2.0, RoHS
RAHPCUB20
A
1. ALL DIMENSIONS IN INCHES [mm]
- TWO PLACE DECIMALS
0.02 [0.5]
- THREE PLACE DECIMALS
0.008 [0.20]
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - RAHPCUB20

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
RAHPCUA20 SWITCH-RAHPCUA20 Datasheet
298Kb / 1P
RIGHT ANGLE USB TYPE-A 2.0, RoHS
Rev. A
RAHPCUA20E SWITCH-RAHPCUA20E Datasheet
175Kb / 1P
RIGHT ANGLE USB TYPE-A 2.0, MALE, RoHS
Rev. A
RAHPCUA30E SWITCH-RAHPCUA30E Datasheet
215Kb / 1P
RIGHT ANGLE USB TYPE-A 3.0, RoHS
Rev. A
RAHPCUC31AU1TR SWITCH-RAHPCUC31AU1TR Datasheet
296Kb / 2P
RIGHT ANGLE SMT USB TYPE-C® 3.1, RoHS
Rev. A
RAHPCUC31AUTR SWITCH-RAHPCUC31AUTR Datasheet
307Kb / 2P
RIGHT ANGLE SMT USB TYPE-C® 3.1, RoHS
Rev. A
More results

Similar Description - RAHPCUB20

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
62910416121 WURTH-62910416121 Datasheet
452Kb / 2P
USB 2.0 B FEMALE RIGHT ANGLE SMD TYPE
logo
Switchcraft, Inc.
PCMB20AUETR SWITCH-PCMB20AUETR Datasheet
313Kb / 2P
VERTICAL MICRO USB TYPE-B 2.0, RoHS
Rev. A
PCUB20 SWITCH-PCUB20 Datasheet
184Kb / 1P
VERTICAL STRAIGHT TYPE-B USB 2.0, RoHS
Rev. A
RAHMB20AUETR SWITCH-RAHMB20AUETR Datasheet
296Kb / 2P
RIGHT ANGLE SMT MICRO USB TYPE-B 2.0, RoHS
Rev. A
RAHPC2UA20 SWITCH-RAHPC2UA20 Datasheet
183Kb / 1P
RIGHT ANGLE DUAL TYPE-A USB 2.0, RoHS
Rev. A
RAHPCUA20 SWITCH-RAHPCUA20 Datasheet
298Kb / 1P
RIGHT ANGLE USB TYPE-A 2.0, RoHS
Rev. A
RAHPCUA20E SWITCH-RAHPCUA20E Datasheet
175Kb / 1P
RIGHT ANGLE USB TYPE-A 2.0, MALE, RoHS
Rev. A
RAHUA20E SWITCH-RAHUA20E Datasheet
197Kb / 1P
RIGHT ANGLE SMT USB TYPE-A 2.0, RoHS
Rev. A
RAHUB20 SWITCH-RAHUB20 Datasheet
165Kb / 1P
RIGHT ANGLE SMT TYPE-B USB 2.0, RoHS
Rev. A
RAVPCUA20 SWITCH-RAVPCUA20 Datasheet
201Kb / 1P
RIGHT ANGLE TYPE-A USB 2.0, RoHS
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com