Electronic Components Datasheet Search
  English  ▼

X  

S15KS Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # S15KS
Description  15 AMP SEALED PLUG, RoHS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

S15KS Datasheet(HTML) 1 Page - Switchcraft, Inc.

  S15KS Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.268
6.81
REF
1.55
39.3
1.56
39.6
0.50
12.7
0.50
12.7
0.44
11.2
0.58
14.8
3/8-32 THREAD
FLOATING LOCKING RING
7/16-32 INTERNAL THREAD
O-RING
REAR OF PLUG
A
A
2.45
62.3
PLUG HANDLE I.D.
CABLE O.D. RANGE
SEE TABLE
SECTION A-A
O-RING
FRONT OF PLUG
CENTER PIN TERMINAL
SLEEVE TERMINAL
NOTES:
RATED 15 AMP, 24 VOLT DC AT 105 C (CURRENT CARRY ONLY)
1.
WHEN USING 14 AWG STRANDED CONDUCTOR CABLE.
USE CABLE LUBE WHEN ASSEMBLING CABLE.
2.
IP68 RATED WHEN MATED TO ST15S JACK.
3.
HANDLE SHIPPED UNASSEMBLED.
4.
THIS PRODUCT IS ROHS COMPLIANT.
5.
PART NUMBER
CABLE O.D.
RANGE
S15KS20
0.205 - 0.225 [5.21 - 5.72]
S15KS23
0.235 - 0.255 [5.97 - 6.48]
S15KS26
0.265 - 0.285 [6.73 - 7.24]
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
OF
SHEET
APVD
CHKD
BY
DATE DRAWN
SCALE
FIRST USED ON
SPEC No.
SPEC No.
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
B
A
28515
7/18/22
TJK
TJK
2:1
5-13-19 SRC
SRC
6-29-22
TJK
7/26/22
1
1
15 AMP SEALED PLUG, RoHS
S15KS SERIES
A
1. ALL DIMENSIONS IN INCHES [mm]
- TWO PLACE DECIMALS
0.02 [0.5]
- THREE PLACE DECIMALS
0.005 [0.13]
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - S15KS

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
S15K YENYO-S15K Datasheet
655Kb / 2P
Surface Mount Standard Rectifier
logo
Taiwan Semiconductor Co...
S15KC TSC-S15KC Datasheet
176Kb / 4P
15A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
S15KLW TSC-S15KLW Datasheet
470Kb / 5P
1.5A, 200V - 1000V Surface Mount Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S15KW YFWDIODE-S15KW Datasheet
77Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Xian Semipower Electron...
S15KW SEMIPOWER-S15KW Datasheet
121Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S15KS

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56004 NTE-NTE56004 Datasheet
20Kb / 2P
TRIAC, 15 Amp
NTE5673 NTE-NTE5673 Datasheet
19Kb / 2P
TRIAC - 15 Amp
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826 Datasheet
127Kb / 2P
15 Amp Schottky Rectifier
logo
International Rectifier
MBRB1535CT IRF-MBRB1535CT Datasheet
34Kb / 3P
SCHOTTKY RECTIFIER 15 Amp
logo
TALEMA Group. LLC
AC1015 TALEMA-AC1015 Datasheet
60Kb / 1P
15 Amp Current Transformer
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826_07 Datasheet
133Kb / 2P
15 Amp schottky Rectifier
logo
Winchester Electronics ...
SD01459 WINCHESTER-SD01459 Datasheet
84Kb / 1P
POWERSNAP PLUG STRAIGHT, M4X.7 THREAD MOUNT 30 AMP, RoHS COMPLIANT
logo
Picker Components
PC781 PICKER-PC781 Datasheet
444Kb / 2P
15 Amp Micro ISO 280 Automotive Plug-In Relay
logo
CINCON ELECTRONICS Corp...
SIPSMT15-05 CINCON-SIPSMT15-05 Datasheet
209Kb / 2P
15 AMP POL CONVERTERS
logo
Switchcraft, Inc.
ST15S SWITCH-ST15S Datasheet
149Kb / 1P
15 AMP JACK ASSEMBLY. RoHS
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com