Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL080 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL080
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL080 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button ADC12DL080 Datasheet HTML 16Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 17Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 18Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 19Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 20Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 21Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 22Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 23Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Applications Information (Continued)
with a series RC to ground such that the resistor value is
equal to the characteristic impedance of the clock line and
the capacitor value is
where t
PD is the signal propagation rate down the clock line,
"L" is the line length and Z
O is the characteristic impedance
of the clock line. This termination should be as close as
possible to the ADC clock pin but beyond it as seen from the
clock source. Typical t
PD is about 150 ps/inch (60 ps/cm) on
FR-4 board material. The units of "L" and t
PD should be the
same (inches or centimeters).
The duty cycle of the clock signal can affect the performance
of the A/D Converter. Because achieving a precise duty
cycle is difficult, the ADC12DL080 has a Duty Cycle Stabi-
lizer which can be enabled using the REFSEL/DCS pin. It is
designed to maintain performance over a clock duty cycle
range of 30% to 70% at 80 MSPS.
2.2 REFSEL/DCS
This pin is used in conjunction with V
REF (pin 7) to select the
reference source and turn the Duty Cycle Stabilizer (DCS)
on or off.
When REFSEL/DCS is LOW and V
REF is HIGH, the internal
1.0V reference is selected and DCS is On.
When REFSEL/DCS is HIGH, an external reference voltage
in the range of 0.8V to 1.2V should be applied to the VREF
input. DCS is On.
With this pin connected to V
RMAor VRMB, DCS is Off.
When enabled, duty cycle stabilization can compensate for
clock inputs with duty cycles ranging from 30% to 70% and
generate a stable internal clock, improving the performance
of the part.
TABLE 3. V
REF, REFSEL/DCS Pin Functions
REFSEL/DCS (pin 11) V
REF (pin 7)
Reference
DCS
Logic LOW
Logic HIGH
Internal 1.0 V ON
Logic High
0.8 to 1.2V
External
ON
V
RMAor VRMB
Logic High
Internal 1.0V
OFF
V
RMAor VRMB
0.8 to 1.2V
External
OFF
2.3 OF/DOEN, OEA/OF, and OEB/DRDY
OF/DOEN (pin 21) selects the output format (OF) or enables
the DRDY output (DOEN). The state of this pin also controls
the function of pins 22 (OEA/OF) and 41 (OEB/DRDY).
When OF/DOEN is tied to V
RMAor VRMB, DRDY is enabled.
Pin 41 is used as the DRDY output strobe, and pin 22 is used
to select the output format. Output Enable for channels A and
B are not available in this mode.
When OF/DOEN is LOW, the output data format is offset
binary. With OF/DOEN tied HIGH, the output format is 2’s
complement.
The following table describes the function of these pins.
TABLE 4. OF/DOEN, OEA/OF, OEB/DRDY Pin Functions
Pin 21 State
Pin 21 Function
Pin 22 Function
Pin 41 Function
V
RMAor VRMB
DRDY output is enabled
Output Format
LOW = Offset Binary
HIGH = 2’s Complement
DRDY Output
Logic LOW
Output Format = Offset Binary
Output Enable for Channel A
LOW = outputs are enabled
HIGH = outputs are in high
impedance state
Output Enable for Channel B
LOW = outputs are enabled
HIGH = outputs are in high
impedance state
Logic HIGH
Output Format = 2’s Complement
2.4 PD
The PD pin, when high, holds the ADC12DL080 in a power-
down mode to conserve power when the converter is not
being used. The output data pins are undefined and the data
in the pipeline is corrupted while in the power down mode.
The Power Down Mode Exit Cycle time is determined by the
value of the components on pins 4, 5, 6, 12, 13 and 14.
These capacitors loose their charge in the Power Down
mode and must be recharged by on-chip circuitry before
conversions can be accurate. Smaller capacitor values allow
slightly faster recovery from the power down mode, but can
result in a reduction in SNR, SINAD and ENOB perfor-
mance.
3.0 OUTPUTS
The ADC12DL080 has 12 TTL/CMOS compatible Data Out-
put pins for each output. Valid data is present at these
outputs while the OE and PD pins are low. Be very careful
when driving a high capacitance bus. The more capacitance
the output drivers must charge for each conversion, the
more instantaneous digital current flows through V
DR and
DR GND. These large charging current spikes can cause
on-chip ground noise and couple into the analog circuitry,
degrading dynamic performance. Adequate bypassing, lim-
iting output capacitance and careful attention to the ground
plane will reduce this problem. Additionally, bus capacitance
beyond the specified 10 pF/pin will cause t
OD to increase,
making it difficult to properly latch the ADC output data. The
result could be an apparent reduction in dynamic perfor-
mance.
To minimize noise due to output switching, minimize the load
currents at the digital outputs. This can be done by connect-
ing buffers (74LVTH162374, for example) between the ADC
outputs and any other circuitry. Only one driven input should
be connected to each output pin. Additionally, inserting se-
ries resistors of about 100
Ω at the digital outputs, close to
the ADC pins, will isolate the outputs from trace and other
circuit capacitances and limit the output currents, which
could otherwise result in performance degradation. See Fig-
ure 4.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com