Electronic Components Datasheet Search
  English  ▼

X  

IRS2136 Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2136
Description  3-PHASE BRIDGE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2136 Datasheet(HTML) 3 Page - International Rectifier

  IRS2136 Datasheet HTML 1Page - International Rectifier IRS2136 Datasheet HTML 2Page - International Rectifier IRS2136 Datasheet HTML 3Page - International Rectifier IRS2136 Datasheet HTML 4Page - International Rectifier IRS2136 Datasheet HTML 5Page - International Rectifier IRS2136 Datasheet HTML 6Page - International Rectifier IRS2136 Datasheet HTML 7Page - International Rectifier IRS2136 Datasheet HTML 8Page - International Rectifier IRS2136 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.irf.com
3
IRS213(6,62,63,65,66,67,68) (J&S)PbF
Recommended Operating Conditions - (Continued)
The input/output logic-timing diagram is shown in Fig. 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute referenced to COM. The VS & VSS offset ratings are tested
with all supplies biased at a 15 V differential.
Symbol
Definition
Min.
Max.
Units
VITRIP
ITRIP input voltage
VSS
VSS + 5
VIN
Logic input voltage LIN, HIN (IRS213(6,63,65,66,67,68)),
LIN, HIN (IRS21362), EN
VSS
VSS + 5
V
TA
Ambient temperature
-40
125
°C
Note 1:
HIN, LIN, EN and the ITRIP pin are internally clamped with a 5.2 V zener diode.
Static Electrical Characteristics
VBIAS (VCC,VBS1,2,3) = 15 V unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to VSS and are
applicable to all six channels (HIN1,2,3/HIN1,2,3 and LIN1,2,3). The VO and IO parameters are referenced to COM and
VS1,2,3 and are applicable to the respective output leads: LO1,2,3 and HO1,2,3.
Symbol
Definition
Min. Typ. Max. Units Test Conditions
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IRS213(6,63,65)
Logic “1” input voltage HIN1,2,3 IRS21362
2.5
—
—
VIH
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IRS213(66,67,68)
2.5
—
—
Logic “1” input voltage LIN1,2,3, HIN1,2,3
IRS213(6,63,65)
Logic “0” input voltage HIN1,2,3 IRS21362
VIL
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IRS213(66,67,68)
—
—
0.8
VIN,TH+
Input positive going threshold
—
1.9
—
VIN,TH-
Input negative going threshold
—
1
—
VEN,TH+
Enable positive going threshold
—
—
2.5
VEN,TH-
Enable negative going threshold
0.8
—
—
VIT,TH+ (6,62,63,66)
ITRIP positive going threshold
0.37 0.46
0.55
VIT,HYS (6,62,63,66)
ITRIP hysteresis
—
0.07
—
VIT,TH+ (65,67,68)
ITRIP positive going threshold
3.85
4.3
4.75
VIT,HYS (65,67,68)
ITRIP hysteresis
—
0.15
—
VRCIN, TH+
RCIN positive going threshold
—
8
—
VRCIN, HYS
RCIN hysteresis
—
3
—
VOH
High level output voltage, VBIAS - VO
—
0.9
1.4
VOL
Low level output voltage, VO
—
0.4
0.6
Io = 20 mA
VCCUV+ (6,68)
VCC supply undervoltage positive going
threshold
8
8.9
9.8
VCCUV- (6,68)
VCC supply undervoltage negative going
threshold
7.4
8.2
9
VCCUVHY (6,68)
VCC supply undervoltage hysteresis
0.3
0.7
—
VBSUV+ (6,68)
VBS supply undervoltage positive going
threshold
8
8.9
9.8
V
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com