Electronic Components Datasheet Search
  English  ▼

X  

M840 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # M840
Description  OC-192 MULTI-RATE CLOCK RECOVERY MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M840 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  M840 Datasheet HTML 1Page - Integrated Circuit Systems M840 Datasheet HTML 2Page - Integrated Circuit Systems M840 Datasheet HTML 3Page - Integrated Circuit Systems M840 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M840 Series
Performance Specifications
Integrated Circuit Systems, Inc.
Communications Modules
www.icst.com/Comm-Modules
tel: 508-852-5400
SPECIFICATIONS
Specifications @ Vcc = +5 Volts, Vee = -5 Volts, TA = +25°C unless otherwise specified
PARAMETER
Min
Max
Units
Conditions
Operating Data Rates
9.953
Gb/s
10.3125
Gb/s
10.664
Gb/s
10.709
Gb/s
Selectable Operating Data Rates
1
4
Selected by two TTL inputs (00,01,10,11)
Locking Range
-0.3
+0.3
%
Referenced to nominal bit rate.
Data Input Voltage
6
1000
mVp-p
NRZ or RZ
Input Data BER
10-12
Data Input Return Loss
9
dB
150kHz to 12.5GHz, 10dB typ.
OC-192 Clock Output Frequency
9.953
10.709
GHz
OC-48 Clock Output Frequency
2.488
2.677
GHz
Clock Output RMS Jitter
0.02
Ul
Wideband measured on oscilloscope.
PRBS = 223-1
Clock Output Peak-to-Peak Jitter
0.12
Ul
Wideband measured on oscilloscope.
PRBS = 223-1
Clock Output Voltage
800
1400
mVp-p
Clock Output Return Loss
10
dB
At output clock frequency ±0.1%
Clock Output Harmonic Level
-30
dBc
Clock Output Sub-harmonic Level
-40
dBc
Maximum Number of Bits of
Consecutive Ones or Zeros
200
Ul
Data Output Voltage
200
400
mVp-p
Unretimed NRZ or RZ data*
Data Output Return Loss
7
dB
150kHz to 12GHz, 10dB Typ
Jitter Transfer Bandwidth
4
MHz
Set to meet Bellcore jitter transfer
requirements while minimizing clock jitter.
Loss of Lock Alarm (unlocked)
2.0
5.0
V
Loss of Lock Alarm (locked)
0.0
0.8
V
+5V Power Supply Voltage
4.75
5.25
V
+5V Power Supply Current
0.70
A
-5V Power Supply Voltage
-4.75
-5.25
V
-5V Power Supply Current
0.70
A
Control Voltage (Low)
0
0.8
V
Standard TTL Levels
Control Voltage (High)
2.4
5.0
V
Standard TTL Levels
Operating Temperature Range
0
+70
°C
(case)
Package Size
3.2 x 1.57 x .625
In
SMA connectors used for Data In, Data Out,
OC-192 Clock Out and OC-48 Clock Out
*Higher output level available, contact factory.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com