Electronic Components Datasheet Search
  English  ▼

X  

PS398 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PS398
Description  Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS398 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PS398 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS398 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
PS8185F
09/28/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS398/PS399
Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers
Electrical Specifications - Dual Supplies (V± = ±5V ± 10%, GND = 0V, VAH = VENH = 2.4V, VAL = VENL = 0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C)
C
°
(
.
p
m
e
T.
n
i
M
)
2
(
.
p
y
T
)
1
(
.
x
a
M
)
2
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
ll
u
F-
V+
VV
e
c
n
a
t
s
i
s
e
R
n
O
R N
O
,
V
5
.
4
-
=
-
V
,
V
5
.
4
=
+
V
V M
O
C
V
5
.
3
±
=
I O
N
,
A
m
1
=
5
20
60
0
1
m
h
O
ll
u
F5
2
1
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆R N
O
V M
O
C
V
r
o
C
N
,
V
5
.
3
±
=
I O
N
,
A
m
1
=
V
5
-
=
-
V
,
V
5
=
+
V
5
26
ll
u
F8
e
c
n
a
t
s
i
s
e
R
-
n
O
s
s
e
n
t
a
l
F
)
5
(
R
)
N
O
(
T
A
L
F
,
V
5
-
=
-
V
,
V
5
=
+
V
I O
N
V
,
A
m
1
=
M
O
C
V
0
,
V
3
±
=
5
21
1
ll
u
F4
1
e
g
a
k
a
e
L
f
f
O
O
N
t
n
e
r
r
u
C
)
6
(
I
)
F
F
O
(
O
N
,
V
5
.
5
-
=
-
V
,
V
5
.
5
=
+
V
V M
O
C
,
V
5
.
4
±
=
V O
N
V
5
.
4
±
=
5
21
.
0
-1
.
0
A
n
ll
u
F0
.
1
-0
.
1
e
g
a
k
a
e
L
f
f
O
-
M
O
C
t
n
e
r
r
u
C
)
6
(
I
)
F
F
O
(
M
O
C
-
V
,
V
5
.
5
=
+
VV
5
.
5
-
=
V M
O
C
,
V
5
.
4
±
=
V O
N
V
5
.
4
+
/
-
=
8
9
3
S
P
5
22
.
0
-0
5
ll
u
F5
.
2
-0
0
1
9
9
3
S
P
5
21
.
0
-0
5
ll
u
F5
.
1
-0
0
1
e
g
a
k
a
e
L
n
O
M
O
C
t
n
e
r
r
u
C
)
7
(
I
)
N
O
(
M
O
C
-
V
,
V
5
.
5
=
+
VV
5
.
5
-
=
V M
O
C
V
5
.
4
±
=
V O
N
V
5
.
4
=
8
9
3
S
P
5
24
.
0
-4
.
0
ll
u
F5
-5
9
9
3
S
P
5
22
.
0
-2
.
0
ll
u
F5
.
2
-5
.
2
t
u
p
n
I
c
i
g
o
L
t
u
p
n
I
h
g
i
H
c
i
g
o
L
e
g
a
tl
o
V
V ,
H
A
V H
N
E
ll
u
F
4
.
2
V
t
u
p
n
I
w
o
L
c
i
g
o
L
e
g
a
tl
o
V
V L
A ,
V L
N
E
8
.
0
t
u
p
n
I
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
h
g
i
H
e
g
a
tl
o
V
I H
A
I
,
H
N
E
VA V
=
N
E
V
4
.
2
=1
.
0
-1
.
0
µA
t
u
p
n
I
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
w
o
L
e
g
a
tl
o
V
I ,
L
A I
L
N
E
VA V
=
N
E
V
8
.
0
=1
.
0
-1
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com