Electronic Components Datasheet Search
  English  ▼

X  

74ABT241DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT241DB
Description  Octal buffer/line driver 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT241DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT241DB Datasheet HTML 1Page - NXP Semiconductors 74ABT241DB Datasheet HTML 2Page - NXP Semiconductors 74ABT241DB Datasheet HTML 3Page - NXP Semiconductors 74ABT241DB Datasheet HTML 4Page - NXP Semiconductors 74ABT241DB Datasheet HTML 5Page - NXP Semiconductors 74ABT241DB Datasheet HTML 6Page - NXP Semiconductors 74ABT241DB Datasheet HTML 7Page - NXP Semiconductors 74ABT241DB Datasheet HTML 8Page - NXP Semiconductors 74ABT241DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT241
Octal buffer/line driver (3-State)
2
1998 Jan 16
853–1456 18867
FEATURES
• Octal bus interface
• 3-State buffers
• Power-up 3-State
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
• Inputs are disabled during 3-State mode
DESCRIPTION
The 74ABT241 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT241 device is an octal buffer that is ideal for driving bus
lines. The device features two Output Enables (1OE, 2OE), each
controlling four of the 3-State outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Yn
CL = 50pF; VCC = 5V
2.6
2.7
ns
CIN
Input capacitance
VI = 0V or VCC
3
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT241 N
74ABT241 N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT241 D
74ABT241 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT241 DB
74ABT241 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT241 PW
74ABT241PW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1OE
1A0
2Y0
1A1
2Y1
1A2
2Y2
1A3
2Y3
1Y3
GND
2A2
1Y2
2A1
1Y1
2A0
1Y0
2OE
VCC
2A3
SA00038
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
2, 4, 6, 8
1A0 – 1A3
Data inputs
17, 15, 13, 11
2A0 – 2A3
Data inputs
18, 16, 14, 12
1Y0 – 1Y3
Data outputs
3, 5, 7, 9
2Y0 – 2Y3
Data outputs
1, 19
1OE, 2OE
Output enables
10
GND
Ground (0V)
20
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com