Electronic Components Datasheet Search
  English  ▼

X  

STLC2500A Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC2500A
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC2500A Datasheet HTML 10Page - STMicroelectronics STLC2500A Datasheet HTML 11Page - STMicroelectronics STLC2500A Datasheet HTML 12Page - STMicroelectronics STLC2500A Datasheet HTML 13Page - STMicroelectronics STLC2500A Datasheet HTML 14Page - STMicroelectronics STLC2500A Datasheet HTML 15Page - STMicroelectronics STLC2500A Datasheet HTML 16Page - STMicroelectronics STLC2500A Datasheet HTML 17Page - STMicroelectronics STLC2500A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Pinout
STLC2500A
14/37
VDD_RF
B05
Internal supply decoupling
VSS_DIG
A01
Digital ground
D03
E03
G03
H04
H05
H06
H07
H08
VSS_ANA
A02
Analogue ground
B03
B06
B09
B10
C04
C05
C07
C08
D08
E08
E09
F08
G09
VSS_RF
A04
RF ground
A07
1.
See also pin VDD_CLD in
Table
2.
Should be strapped to VDD_IO_A if not used
3.
Should be strapped to VSS_DIG if not used
Table 12.
STLC2500A pin list (functional and supply)
Name
Pin #
Description
DIR
Reset
Default
after
reset
VDD_
IO_x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37