Electronic Components Datasheet Search
  English  ▼

X  

74ABT32 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT32
Description  Quad 2-input OR gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT32 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT32 Datasheet HTML 1Page - NXP Semiconductors 74ABT32 Datasheet HTML 2Page - NXP Semiconductors 74ABT32 Datasheet HTML 3Page - NXP Semiconductors 74ABT32 Datasheet HTML 4Page - NXP Semiconductors 74ABT32 Datasheet HTML 5Page - NXP Semiconductors 74ABT32 Datasheet HTML 6Page - NXP Semiconductors 74ABT32 Datasheet HTML 7Page - NXP Semiconductors 74ABT32 Datasheet HTML 8Page - NXP Semiconductors 74ABT32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT32
Quad 2-input OR gate
2
1995 Sep 22
853-1812 15793
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C;
GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation
delay
An, Bn to Yn
CL = 50pF;
VCC =5V
2.3
1.9
ns
tOSLH
tOSHL
Output to
Output skew
VCC = 5V
0.4
ns
CIN
Input
capacitance
VI = 0V or VCC
3
pF
ICC
Total supply
current
Outputs disabled;
VCC = 5.5V
50
µA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
B2
A2
Y2
Y3
B3
A3
A0
B0
Y1
Y0
A1
B1
SA00354
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1, 2, 4, 5, 9,
10, 12, 13
An, Bn
Data inputs
3, 6, 8, 11
Yn
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
LOGIC SYMBOL
36
8
11
12
4
5
9
10
12 13
VCC = Pin 14
GND = Pin 7
SA00355
A0 B0 A1 B1 A2 B2 A3 B3
Y0 Y1 Y2 Y3
LOGIC DIAGRAM
A0
B0
A1
B1
A2
Y0
B2
A3
B3
Y1
Y2
Y3
VCC = Pin 14
GND = Pin 7
3
6
8
11
1
2
4
5
9
10
12
13
SA00356
LOGIC SYMBOL (IEEE/IEC)
1
2
4
5
9
10
12
13
3
6
8
11
SF00041
1
FUNCTION TABLE
INPUTS
OUTPUT
An
Bn
Yn
L
L
L
L
H
H
H
L
H
H
H
H
NOTES:
H = High voltage level
L
= Low voltage level
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic DIP
–40
°C to +85°C
74ABT32 N
74ABT32 N
SOT27-1
14-Pin plastic SO
–40
°C to +85°C
74ABT32 D
74ABT32 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT32 DB
74ABT32 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT32 PW
74ABT32PW DH
SOT402-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com