Electronic Components Datasheet Search
  English  ▼

X  

RHD Datasheet(PDF) 3 Page - AVX Corporation

Part # RHD
Description  Radial Leaded Aluminum Hybrid Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RHD Datasheet(HTML) 3 Page - AVX Corporation

  RHD Datasheet HTML 1Page - AVX Corporation RHD Datasheet HTML 2Page - AVX Corporation RHD Datasheet HTML 3Page - AVX Corporation RHD Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
36
QUALIFICATION TABLE
Test
RHD Series (Temperature Range -55°C to +125°C
Condition
Characteristics
Temperature Characteristics
(Impedance Ratio at 100kHz)
Z(+125°C)/Z(+20°C)≤1.5
Z(-55°C)/Z(+20°C)≤2.0
Endurance
After applying rated voltage with rated ripple
current for 4000 hours at 125°C±2°C, the capacitors
shall meet the following requirements at normal
temperature.
Visual examination
no visible damage
ΔC/C
≦±30%oftheinitiallimit
DF:
≦200%oftheinitialspecifiedlimit
ESR:
≦200%oftheinitialspecifiedlimit
DCL:
≦Initialspecifiedlimit
High Temperature
(No-Load)
The requirements for the Endurance characteristics listed above shall be satisfied when the capacitors are restored to normal temperature
after storing them for 2000 hours under no-load at 125°C±2°C.
Humidity Resistance
(On-Load)
After applying rated voltage for 2000 hours at
85°C±2°C and 85-90%RH, the capacitors shall meet
the following requirements.
Visual examination
no visible damage
ΔC/C
≦±30%oftheinitiallimit
DF:
≦200%oftheinitialspecifiedlimit
ESR:
≦200%oftheinitialspecifiedlimit
DCL:
≦Initialspecifiedlimit
RHD Series
SOLDERING
1. When soldering with a soldering iron:
• Soldering conditions (temperature and time) should be within the limits prescribed in the catalogs or the product specifications.
• If the terminal spacing of a capacitor does not fit the terminal hole spacing of the PC board, reform the terminals in a manner to minimize a mechanical
stress into the body of the capacitor.
• Remove the capacitors from the PC board, after the solder is completely melted, reworking by using a soldering iron minimizes the mechanical stress to
the capacitors.
• Do not touch the capacitor body with the hot tip of the soldering iron.
2. Flow Soldering:
• Do not dip the body of a capacitor into the solder bath, only dip the terminals in. The soldering must be done on the reverse side of PC board.
• Do not apply flux to any part of capacitors other than their terminals.
• Make sure the capacitors do not come into contact with any other components while soldering.
• Soldering conditions (preheat, solder temperature and dipping time) should be within the limits prescribed in the picture below.
TDS-ALUM-0017 | Rev 0
Radial Leaded Aluminum Hybrid
Electrolytic Capacitors
Note 1: (1-3ºC/sec.)
Cooling
Soldering
Preheating
Note 2
30-90 sec. <1 sec. <10 sec.
Note 1
Tamb
130±20ºC
260ºC max.
Note 3
Note 2: Approx. 200ºC/sec.
Note 3: 5ºC/sec.(max.)
Time
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com