Electronic Components Datasheet Search
  English  ▼

X  

RPA Datasheet(PDF) 2 Page - AVX Corporation

Part # RPA
Description  Radial Leaded Aluminum Conductive Polymer Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RPA Datasheet(HTML) 2 Page - AVX Corporation

  RPA Datasheet HTML 1Page - AVX Corporation RPA Datasheet HTML 2Page - AVX Corporation RPA Datasheet HTML 3Page - AVX Corporation RPA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
39
Radial Leaded Aluminum Conductive
Polymer Electrolytic Capacitors
RPA Series
CAPACITANCE AND RATED VOLTAGE RANGE (FIGURES DENOTES CASE SIZE)
Capacitance
Rated Voltage DC (VR)
µF
Code
2.5V
6.3V
10V
16V
25V
35V
50V
10
100
0606
22
220
0606
33
330
0608
47
470
0606
0808
68
680
0608
0812
82
820
0606
100
101
0606
0608
0609
1010, 1012
120
121
0606
0808
150
151
0812
180
181
0606
0808
220
221
0606
0608
0812
1010
270
271
1012
330
331
0608
0808
1010
470
471
0608
0812, 1012
1012
560
561
0608
0608, 0808
0808
680
681
0808
0812
1010
820
821
1012
1000
102
0808
0812
1010
1012
1200
122
0812
1010
1012
1800
182
1012
1012
2200
222
1012
Released ratings
RATINGS & PART NUMBER REFERENCE
Part No.
Case
Size
Capacitance
(µF)
Rated Voltage
(V)
DCL Max.
(µA)
DF Max.
(%)
ESR Max.
@100kHz (mΩ)
100kHz RMS Current
(mA)
2.5 V
RPA0606221M002*
0606
220
2.5
300
12
24
2400
RPA0608561M002*
0608
560
2.5
300
12
15
3200
RPA0808102M002*
0808
1000
2.5
500
12
15
3640
RPA0812122M002*
0812
1200
2.5
600
12
10
5200
RPA1012182M002*
1012
1800
2.5
900
12
10
5200
RPA1012222M002*
1012
2200
2.5
1100
12
10
5500
6.3 Volt
RPA0606101M006*
0606
100
6.3
300
12
24
2400
RPA0606181M006*
0606
180
6.3
300
12
24
2400
RPA0608471M006*
0608
470
6.3
592
12
15
3500
RPA0608561M006*
0608
560
6.3
706
12
15
3500
RPA0808561M006*
0808
560
6.3
706
12
15
4100
RPA0808681M006*
0808
680
6.3
856
12
15
4300
RPA0812102M006*
0812
1000
6.3
1260
12
12
5000
RPA1010122M006*
1010
1200
6.3
1512
12
15
5200
RPA1012182M006*
1012
1800
6.3
2268
12
12
5500
10 Volt
RPA0606121M010*
0606
120
10
300
12
24
2400
RPA0608331M010*
0608
330
10
660
12
15
3500
RPA0808561M010*
0808
560
10
1120
12
15
4000
RPA0812681M010*
0812
680
10
1360
12
15
4800
RPA1010102M010*
1010
1000
10
2000
12
15
4800
RPA1012122M010*
1012
1200
10
2400
12
12
5500
16V
RPA0606820M016*
0606
82
16
300
12
24
2400
RPA0608101M016*
0608
100
16
320
12
15
3500
RPA0608221M016*
0608
220
16
704
12
15
3500
RPA0808331M016*
0808
330
16
1056
12
15
4200
RPA0812471M016*
0812
470
16
1504
12
12
4500
RPA1012471M016*
1012
470
16
1504
12
10
5100
TDS-ALUM-0018 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com