Electronic Components Datasheet Search
  English  ▼

X  

REF1016331M035 Datasheet(PDF) 1 Page - AVX Corporation

Part # REF1016331M035
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REF1016331M035 Datasheet(HTML) 1 Page - AVX Corporation

  REF1016331M035 Datasheet HTML 1Page - AVX Corporation REF1016331M035 Datasheet HTML 2Page - AVX Corporation REF1016331M035 Datasheet HTML 3Page - AVX Corporation REF1016331M035 Datasheet HTML 4Page - AVX Corporation REF1016331M035 Datasheet HTML 5Page - AVX Corporation REF1016331M035 Datasheet HTML 6Page - AVX Corporation REF1016331M035 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
44
REF Series
FEATURES
• Super Low Impedance, High ripple current capability
• Endurance: 3000 - 6000 hours at 105°C
• RoHS and Halogen Free Compliance
APPLICATIONS
• Power supplies, general industrial, filtering
LEAD-FREE COMPATIBLE
COMPONENT
Product Type
Aluminum
Series Type
Case Size
See table below
Capacitance Code
µF code: 1st two digits represent significant figures,
3rd digit represents multiplier (number of zeros to follow)
Tolerance
M = ±20%
HOW TO ORDER
R
EF
0816
471
M
016
K
-
Special
No Code = std
Packaging
K = Ammo Pack
B = Bulk Pack
Rated DC Voltage
006 = 6.3Vdc
010 = 10Vdc
016 = 16Vdc
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
063 = 63Vdc
080 = 80Vdc
100 = 100Vdc
120 = 120Vdc
CASE DIMENSIONS millimeters (inches)
Code
D'+0.50(0.020)
L'+2.00(0.079)
d±0.05(0.002)
F±0.50(0.020)
Code
D'+0.50(0.020)
L'+2.00(0.079)
d±0.05(0.002)
F±0.50(0.020)
0511
5.00 (0.020)
11.00 (0.433)
0.50 (0.020)
2.00 (0.079)
1216
12.50 (0.492)
16.00 (0.630)
0.60 (0.024)
5.00 (0.020)
0512
5.00 (0.020)
12.00 (0.472)
0.50 (0.020)
2.00 (0.079)
1220
12.50 (0.492)
20.00 (0.787)
0.60 (0.024)
5.00 (0.020)
0609
6.30 (0.248)
9.00 (0.354)
0.50 (0.020)
2.50 (0.098)
1225
12.50 (0.492)
25.00 (0.984)
0.60 (0.024)
5.00 (0.020)
0611
6.30 (0.248)
11.00 (0.433)
0.50 (0.020)
2.50 (0.098)
1230
12.50 (0.492)
30.00 (1.181)
0.60 (0.024)
5.00 (0.020)
0612
6.30 (0.248)
12.00 (0.472)
0.50 (0.020)
2.50 (0.098)
1235
12.50 (0.492)
35.00 (1.378)
0.60 (0.024)
5.00 (0.020)
0811
8.00 (0.315)
11.00 (0.433)
0.50 (0.020)
3.50 (0.138)
1320
13.00 (0.512)
20.00 (0.787)
0.60 (0.024)
5.00 (0.020)
0812
8.00 (0.315)
12.00 (0.472)
0.50 (0.020)
3.50 (0.138)
1620
16.00 (0.630)
20.00 (0.787)
0.80 (0.315)
7.50 (0.295)
0816
8.00 (0.315)
16.00 (0.630)
0.50 (0.020)
3.50 (0.138)
1625
16.00 (0.630)
25.00 (0.984)
0.80 (0.315)
7.50 (0.295)
0820
8.00 (0.315)
20.00 (0.787)
0.50 (0.020)
3.50 (0.138)
1640
16.00 (0.630)
40.00 (1.575)
0.80 (0.315)
7.50 (0.295)
1009
10.00 (0.394)
9.00 (0.354)
0.60(0.024)
5.00 (0.020)
1820
18.00 (0.709)
20.00 (0.787)
0.80 (0.315)
7.50 (0.295)
1013
10.00 (0.394)
13.00 (0.512)
0.60(0.024)
5.00 (0.020)
1825
18.00 (0.709)
25.00 (0.984)
0.80 (0.315)
7.50 (0.295)
1016
10.00 (0.394)
16.00 (0.630)
0.60(0.024)
5.00 (0.020)
1830
18.00 (0.709)
30.00 (1.181)
0.80 (0.315)
7.50 (0.295)
1020
10.00 (0.394)
20.00 (0.787)
0.60(0.024)
5.00 (0.020)
1835
18.00 (0.709)
35.00 (1.378)
0.80 (0.315)
7.50 (0.295)
1025
10.00 (0.394)
25.00 (0.984)
0.60(0.024)
5.00 (0.020)
1840
18.00 (0.709)
40.00 (1.575)
0.80 (0.315)
7.50 (0.295)
Radial Leaded Aluminum Electrolytic
Capacitors
TDS-ALUM-0014 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.


Similar Part No. - REF1016331M035

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF10 BURR-BROWN-REF10 Datasheet
112Kb / 7P
Precision VOLTAGE REFERENCE
logo
ebm-papst
REF100 EBMPAPST-REF100 Datasheet
704Kb / 3P
DC axial fans
REF100 EBMPAPST-REF100 Datasheet
430Kb / 3P
DC axial fans
REF100 EBMPAPST-REF100 Datasheet
505Kb / 3P
DC axial fans
REF100 EBMPAPST-REF100 Datasheet
426Kb / 3P
DC diagonal fans
More results

Similar Description - REF1016331M035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR881U6R3E1A CDE-VPR881U6R3E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Panasonic Battery Group
EEU-FR1A101B PANASONICBATTERY-EEU-FR1A101B Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors LCD backlighting
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
RHA AVX-RHA Datasheet
346Kb / 4P
Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RHD AVX-RHD Datasheet
443Kb / 4P
Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RPA AVX-RPA Datasheet
344Kb / 4P
Radial Leaded Aluminum Conductive Polymer Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com