Electronic Components Datasheet Search
  English  ▼

X  

REF1013221M050 Datasheet(PDF) 4 Page - AVX Corporation

Part # REF1013221M050
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REF1013221M050 Datasheet(HTML) 4 Page - AVX Corporation

  REF1013221M050 Datasheet HTML 1Page - AVX Corporation REF1013221M050 Datasheet HTML 2Page - AVX Corporation REF1013221M050 Datasheet HTML 3Page - AVX Corporation REF1013221M050 Datasheet HTML 4Page - AVX Corporation REF1013221M050 Datasheet HTML 5Page - AVX Corporation REF1013221M050 Datasheet HTML 6Page - AVX Corporation REF1013221M050 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
47
REF Series
Part No.
Case
Size
Capacitance
(µF)
Rated Voltage
(V)
DF Max.
(%)
Impedance Max. at 20°C @100kHz
(Ω)
100kHz RMS Current
(mA) / 105°C
REF0612101M035*
0612
100
35
10
0.450
440
REF0811101M035*
0811
100
35
10
0.200
632
REF0812221M035*
0812
220
35
10
0.100
810
REF1009221M035*
1009
220
35
10
0.120
720
REF1016331M035*
1016
330
35
10
0.037
1480
REF1016471M035*
1016
470
35
10
0.055
1526
REF1220681M035*
1220
680
35
10
0.045
2410
REF1225102M035*
1225
1000
35
10
0.025
2820
REF1620122M035*
1620
1200
35
10
0.017
3190
REF1235152M035*
1235
1500
35
10
0.014
3450
50 Volt
REF0512220M050*
0512
22
50
8
0.540
288
REF0612560M050*
0612
56
50
8
0.300
435
REF0812101M050*
0812
100
50
8
0.160
774
REF0816121M050*
0816
120
50
8
0.130
1000
REF1013151M050*
1013
150
50
8
0.110
1029
REF0820181M050*
0820
180
50
8
0.085
1240
REF1013221M050*
1013
220
50
8
0.130
1029
REF1016271M050*
1016
270
50
8
0.090
1020
REF1016331M050*
1016
330
50
8
0.045
1150
REF1020471M050*
1020
470
50
8
0.036
1500
REF1220561M050*
1220
560
50
8
0.035
2150
REF1220681M050*
1220
680
50
8
0.040
2100
REF1620821M050*
1620
820
50
8
0.022
2780
REF1625102M050*
1625
1000
50
8
0.025
3060
63 Volt
REF0611330M063*
0611
33
63
8
1.200
126
REF0612470M063*
0612
47
63
8
0.800
150
REF0812820M063*
0812
82
63
8
0.480
320
REF1013820M063*
1013
82
63
8
0.420
420
REF0812101M063*
0812
100
63
8
0.500
280
REF1013101M063*
1013
100
63
8
0.300
420
REF0816121M063*
0816
120
63
8
0.350
350
REF1013151M063*
1013
150
63
8
0.300
400
REF1016221M063*
1016
220
63
8
0.160
480
REF1020331M063*
1020
330
63
8
0.160
640
REF1320471M063*
1320
470
63
8
0.100
880
REF1320561M063*
1320
560
63
8
0.086
1180
REF1620681M063*
1620
680
63
8
0.085
1250
REF1625821M063*
1625
820
63
8
0.057
1570
REF1625102M063*
1625
1000
63
8
0.045
1800
REF1820102M063B
1820
1000
63
8
0.050
1780
REF1830152M063B
1830
1500
63
8
0.036
2150
REF1840182M063B
1840
1800
63
8
0.032
2280
80 Volt
REF1016151M080*
1016
150
80
8
0.240
600
REF1020221M080*
1020
220
80
8
0.150
680
REF1220331M080*
1220
330
80
8
0.120
750
REF1620471M080*
1620
470
80
8
0.007
1150
REF1825681M080B
1825
680
80
8
0.036
1750
REF1640102M080B
1640
1000
80
8
0.029
2200
REF1835102M080B
1835
1000
80
8
0.027
2200
100 Volt
REF05116R8M100*
0511
6.8
100
8
1.400
86
REF06096R8M100*
0609
6.8
100
8
1.800
80
REF0612220M100*
0612
22
100
8
1.000
235
REF1009270M100*
1009
27
100
8
0.470
320
REF1013330M100*
1013
33
100
8
0.450
320
REF1013470M100*
1013
47
100
8
0.320
480
REF1016680M100*
1016
68
100
8
0.220
600
REF1016101M100*
1016
100
100
8
0.200
750
REF1020151M100*
1020
150
100
8
0.170
850
REF1320221M100*
1320
220
100
8
0.150
860
REF1225331M100*
1225
330
100
8
0.100
1000
REF1620331M100*
1620
330
100
8
0.070
1350
TDS-ALUM-0014 | Rev 0
Radial Leaded Aluminum Electrolytic
Capacitors
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com