Electronic Components Datasheet Search
  English  ▼

X  

REF1016331M050 Datasheet(PDF) 3 Page - AVX Corporation

Part # REF1016331M050
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REF1016331M050 Datasheet(HTML) 3 Page - AVX Corporation

  REF1016331M050 Datasheet HTML 1Page - AVX Corporation REF1016331M050 Datasheet HTML 2Page - AVX Corporation REF1016331M050 Datasheet HTML 3Page - AVX Corporation REF1016331M050 Datasheet HTML 4Page - AVX Corporation REF1016331M050 Datasheet HTML 5Page - AVX Corporation REF1016331M050 Datasheet HTML 6Page - AVX Corporation REF1016331M050 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
46
REF Series
RATINGS & PART NUMBER REFERENCE
Part No.
Case
Size
Capacitance
(µF)
Rated Voltage
(V)
DF Max.
(%)
Impedance Max. at 20°C @100kHz
(Ω)
100kHz RMS Current
(mA) / 105°C
6.3 Volt
REF0511151M006*
0511
150
6.3
15
0.290
300
REF0611221M006*
0611
220
6.3
15
0.205
377
REF0611331M006*
0611
330
6.3
15
0.120
455
REF0612471M006*
0612
470
6.3
15
0.100
510
REF0816102M006*
0816
1000
6.3
15
0.052
1000
REF0820122M006*
0820
1200
6.3
15
0.040
1300
REF1016122M006*
1016
1200
6.3
15
0.037
1480
REF1016152M006*
1016
1500
6.3
15
0.037
1480
REF1020222M006*
1020
2200
6.3
15
0.021
2200
REF1220332M006*
1220
3300
6.3
15
0.020
2410
REF1225472M006*
1225
4700
6.3
15
0.015
3340
REF1625682M006*
1625
6800
6.3
15
0.015
3510
10 Volt
REF0511101M010*
0511
100
10
14
0.290
300
REF0609101M010*
0609
100
10
14
0.290
300
REF0611221M010*
0611
220
10
14
0.120
455
REF0812471M010*
0812
470
10
14
0.071
810
REF0816681M010*
0816
680
10
14
0.055
1046
REF1013681M010*
1013
680
10
14
0.052
1080
REF0820102M010*
0820
1000
10
14
0.040
1300
REF1016102M010*
1016
1000
10
14
0.037
1480
REF1220222M010*
1220
2200
10
14
0.020
2410
REF1225332M010*
1225
3300
10
14
0.020
2820
REF1235472M010*
1235
4700
10
14
0.021
3450
REF1625562M010*
1625
5600
10
14
0.015
3510
16 Volt
REF0511101M016*
0511
100
16
12
0.210
320
REF0611221M016*
0611
220
16
12
0.084
721
REF0812331M016*
0812
330
16
12
0.071
810
REF1009331M016*
1009
330
16
12
0.092
680
REF0816471M016*
0816
470
16
12
0.055
1045
REF1013471M016*
1013
470
16
12
0.052
1080
REF0820681M016*
0820
680
16
12
0.040
1300
REF1016681M016*
1016
680
16
12
0.040
1480
REF1020102M016*
1020
1000
16
12
0.023
1870
REF1025122M016*
1025
1200
16
12
0.021
2200
REF1220152M016*
1220
1500
16
12
0.029
2410
REF1225222M016*
1225
2200
16
12
0.021
2200
REF1230272M016*
1230
2700
16
12
0.015
3340
REF1620272M016*
1620
2700
16
12
0.017
3190
REF1235332M016*
1235
3300
16
12
0.014
3450
REF1625332M016*
1625
3300
16
12
0.016
3350
REF1625392M016*
1625
3900
16
12
0.015
3510
25 Volt
REF0511470M025*
0511
47
25
10
0.290
300
REF0511101M025*
0511
100
25
10
0.260
320
REF0611101M025*
0611
100
25
10
0.140
455
REF0611221M025*
0611
220
25
10
0.150
455
REF0812221M025*
0812
220
25
10
0.078
810
REF0816331M025*
0816
330
25
10
0.055
1045
REF1013331M025*
1013
330
25
10
0.052
1080
REF0816471M025*
0816
470
25
10
0.045
1120
REF1016561M025*
1016
560
25
10
0.030
1675
REF1020681M025*
1020
680
25
10
0.036
1870
REF1020821M025*
1020
820
25
10
0.035
1900
REF1216102M025*
1216
1000
25
10
0.028
1920
REF1225152M025*
1225
1500
25
10
0.030
2750
REF1225222M025*
1225
2200
25
10
0.027
2820
REF1625272M025*
1625
2700
25
10
0.015
3510
35 Volt
REF0512330M035*
0512
33
35
10
0.570
300
TDS-ALUM-0014 | Rev 0
Radial Leaded Aluminum Electrolytic
Capacitors
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com