Electronic Components Datasheet Search
  English  ▼

X  

REH1225331M063 Datasheet(PDF) 1 Page - AVX Corporation

Part # REH1225331M063
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REH1225331M063 Datasheet(HTML) 1 Page - AVX Corporation

  REH1225331M063 Datasheet HTML 1Page - AVX Corporation REH1225331M063 Datasheet HTML 2Page - AVX Corporation REH1225331M063 Datasheet HTML 3Page - AVX Corporation REH1225331M063 Datasheet HTML 4Page - AVX Corporation REH1225331M063 Datasheet HTML 5Page - AVX Corporation REH1225331M063 Datasheet HTML 6Page - AVX Corporation REH1225331M063 Datasheet HTML 7Page - AVX Corporation REH1225331M063 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
51
Radial Leaded Aluminum Electrolytic Capacitors
REH Series
FEATURES
• High temperature, high ripple current capability, low impedance
• Endurance: 2000 - 3000 hours at 125°C
• RoHS and Halogen Free Compliance
APPLICATIONS
• Power supplies, general industrial, filtering
LEAD-FREE COMPATIBLE
COMPONENT
Product Type
Aluminum
Series Type
Case Size
See table below
Capacitance Code
µF code: 1st two digits represent significant figures,
3rd digit represents multiplier (number of zeros to follow)
Tolerance
M = ±20%
HOW TO ORDER
R
EH
0812
471
M
016
K
-
Special
No Code = std
Packaging
K = Ammo Pack
B = Bulk Pack
Rated DC Voltage
063 = 63Vdc
080 = 80Vdc
100 = 100Vdc
120 = 120Vdc
160 = 160Vdc
CASE DIMENSIONS millimeters (inches)
Code
D'+0.50(0.020)
L'+2.00(0.079)
d±0.05(0.002)
F±0.50(0.020)
Code
D'+0.50(0.020)
L'+2.00(0.079)
d±0.05(0.002)
F±0.50(0.020)
0511
5.00 (0.197)
11.00 (0.433)
5.00 (0.197)
2.00 (0.079)
1220
12.50 (0.492)
20.00 (0.787)
0.60 (0.024)
5.00 (0.197)
0512
5.00 (0.197)
12.00 (0.472)
5.00 (0.197)
2.00 (0.079)
1222
12.50 (0.492)
22.00 (0.866)
0.60 (0.024)
5.00 (0.197)
0611
6.30 (0.248)
11.00 (0.433)
5.00 (0.197)
2.50 (0.098)
1225
12.50 (0.492)
25.00 (0.984)
0.60 (0.024)
5.00 (0.197)
0612
6.30 (0.248)
12.00 (0.472)
5.00 (0.197)
2.50 (0.098)
1235
12.50 (0.492)
35.00 (1.378)
0.60 (0.024)
5.00 (0.197)
0811
8.00 (0.315)
11.00 (0.433)
0.60 (0.024)
3.50 (0.138)
1320
13.00 (0.512)
20.00 (0.787)
0.60 (0.024)
5.00 (0.197)
0812
8.00 (0.315)
12.00 (0.472)
0.60 (0.024)
3.50 (0.138)
1325
13.00 (0.512)
25.00 (0.984)
0.60 (0.024)
5.00 (0.197)
0816
10.00 (0.394)
16.00 (0.630)
0.60 (0.024)
3.50 (0.138)
1618
13.00 (0.512)
18.00 (0.709)
0.80 (0.031)
7.50 (0.295)
1011
10.00 (0.394)
11.00 (0.433)
0.60 (0.024)
5.00 (0.197)
1620
16.00 (0.630)
20.00 (0.787)
0.80 (0.031)
7.50 (0.295)
1012
10.00 (0.394)
12.00 (0.472)
0.60 (0.024)
5.00 (0.197)
1625
16.00 (0.630)
25.00 (0.984)
0.80 (0.031)
7.50 (0.295)
1013
10.00 (0.394)
13.00 (0.512)
0.60 (0.024)
5.00 (0.197)
1630
16.00 (0.630)
30.00 (1.181)
0.80 (0.031)
7.50 (0.295)
1014
10.00 (0.394)
14.00 (0.551)
0.60 (0.024)
5.00 (0.197)
1635
16.00 (0.630)
35.00 (1.378)
0.80 (0.031)
7.50 (0.295)
1016
10.00 (0.394)
16.00 (0.630)
0.60 (0.024)
5.00 (0.197)
1820
18.00 (0.709)
20.00 (0.787)
0.80 (0.031)
7.50 (0.295)
1018
10.00 (0.394)
18.00 (0.709)
0.60 (0.024)
5.00 (0.197)
1825
18.00 (0.709)
25.00 (0.984)
0.80 (0.031)
7.50 (0.295)
1020
10.00 (0.394)
20.00 (0.787)
0.60 (0.024)
5.00 (0.197)
1830
18.00 (0.709)
30.00 (1.181)
0.80 (0.031)
7.50 (0.295)
1025
10.00 (0.394)
25.00 (0.984)
0.60 (0.024)
5.00 (0.197)
1835
18.00 (0.709)
35.00 (1.378)
0.80 (0.031)
7.50 (0.295)
1216
12.50 (0.492)
16.00 (0.630)
0.60 (0.024)
5.00 (0.197)
1840
18.00 (0.709)
40.00 (1.575)
0.80 (0.031)
7.50 (0.295)
1218
12.50 (0.492)
18.00 (0.709)
0.60 (0.024)
5.00 (0.197)
200 = 200Vdc
250 = 250Vdc
350 = 350Vdc
400 = 400Vdc
450 = 450Vdc
010 = 10Vdc
016 = 16Vdc
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
TDS-ALUM-0015 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.


Similar Description - REH1225331M063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR881U6R3E1A CDE-VPR881U6R3E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Panasonic Battery Group
EEU-FR1A101B PANASONICBATTERY-EEU-FR1A101B Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors LCD backlighting
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REF AVX-REF Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
RHA AVX-RHA Datasheet
346Kb / 4P
Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RHD AVX-RHD Datasheet
443Kb / 4P
Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RPA AVX-RPA Datasheet
344Kb / 4P
Radial Leaded Aluminum Conductive Polymer Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com